Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R167-Q3 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST10R167-Q3
Description  16-BIT ROMLESS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R167-Q3 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST10R167-Q3 Datasheet HTML 18Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 19Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 20Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 21Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 22Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 23Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 24Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 25Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
ST10R167
22/63
XI - PARALLEL PORTS
The ST10R167 provides up to 111 I/O lines orga-
nized into eight input/output ports and one input
port.
All port lines are bit-addressable, and all input/out-
put lines are individually (bit-wise) programmable
as input or output via direction registers. The I/O
ports are true bidirectional ports which are
switched to high impedance state when config-
ured as inputs.
The output drivers of five I/O ports can be config-
ured (pin by pin) for push/pull operation or
open-drain operation via control registers. During
the internal reset, all port pins are configured as
inputs.
The input threshold of Port 2, Port 3, Port 7 and
Port 8 is selectable (TTL-or CMOS-like), where
the special CMOS-like input threshold reduces
noise sensitivity due to the input hysteresis.
The input thresholds are selected with bit of
PICON register dedicated to blocks of 8 input pins
(2-bit for port2, 2-bit for port3, 1-bit for port7, 1-bit
for port8).
All pins of I/O ports also support an alternate pro-
grammable function:
– Port0 and Port1 may be used as address and
data lines when accessing external memory.
– Port 2, Port 7 and Port 8 are associated with the
capture inputs or with the compare outputs of
the CAPCOM units and/or with the outputs of
the PWM module.
– Port 3 includes the alternate functions of timers,
serial interfaces, the optional bus control signal
BHE and the system clock output (CLKOUT).
– Port 4 outputs the additional segment address
bits A16 to A23 in systems where segmentation
is enabled to access more than 64K Byte of
memory.
– Port 5 is used as analog input channels of the
A/D converter or as timer control signals.
– Port 6 provides optional bus arbitration signals
(BREQ, HLDA, HOLD) and chip select signals.
All port lines that are not used for alternate func-
tions may be used as general purpose I/O lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com