Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8250 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MPC8250
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC8250 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
MPC8250 Hardware Specifications, Rev. 2
Freescale Semiconductor
27
Clock Configuration Modes
Table 18 describes all possible clock configurations when using the MPC8250’s internal PCI bridge in
agent mode.
100
66/33 MHz
3/6
200 MHz
3
240 MHz
2.5
80 MHz
101
66/33 MHz
3/6
200 MHz
3.5
280 MHz
2.5
80 MHz
110
66/33 MHz
4/8
266 MHz
3.5
300 MHz
3
88 MHz
111
66/33 MHz
4/8
266 MHz
3
300 MHz
2.5
100 MHz
1
Assumes MODCK_HI = 0000.
2
The frequency depends on the value of PCI_MODCK. If PCI_MODCK is high (logic ‘1’), the PCI frequency is divided
by 2 (33 instead of 66 MHz, etc.) and the CPM multiplication factor is multiplied by 2. Refer to Table 12
3
Core frequency = (60x bus frequency)(core multiplication factor)
4
Bus frequency = CPM frequency / bus division factor
Table 18. Clock Configuration Modes in PCI Agent Mode
MODCK_H
–
MODCK[1–
3]
Input Clock
Frequency
(PCI) 1, 2
CPM
Multiplication
Factor1
CPM
Frequency
Core
Multiplication
Factor
Core
Frequency3
Bus Division
Factor
60x Bus
Frequency4
0001_001
66/33 MHz
2/4
133 MHz
5
166 MHz
4
33 MHz
0001_010
66/33 MHz
2/4
133 MHz
6
200 MHz
4
33 MHz
0001_011
66/33 MHz
2/4
133 MHz
7
233 MHz
4
33 MHz
0001_100
66/33 MHz
2/4
133 MHz
8
266 MHz
4
33 MHz
0010_001
50/25 MHz
3/6
150 MHz
3
180 MHz
2.5
60 MHz
0010_010
50/25 MHz
3/6
150 MHz
3.5
210 MHz
2.5
60 MHz
0010_011
50/25 MHz
3/6
150 MHz
4
240 MHz
2.5
60 MHz
0010_100
50/25 MHz
3/6
150 MHz
4.5
270 MHz
2.5
60 MHz
0011_000
66/33 MHz
2/4
133 MHz
2.5
110MHz
3
44 MHz
0011_001
66/33 MHz
2/4
133 MHz
3
132 MHz
3
44 MHz
0011_010
66/33 MHz
2/4
133 MHz
3.5
154 MHz
3
44 MHz
0011_011
66/33 MHz
2/4
133 MHz
4
176MHz
3
44 MHz
0011_100
66/33 MHz
2/4
133 MHz
4.5
198 MHz
3
44 MHz
0100_000
66/33 MHz
3/6
200 MHz
2.5
166 MHz
3
66 MHz
0100_001
66/33 MHz
3/6
200 MHz
3
200 MHz
366 MHz
0100_010
66/33 MHz
3/6
200 MHz
3.5
233 MHz
366 MHz
Table 17. Clock Default Configurations in PCI Agent Mode (MODCK_HI = 0000)
MODCK[1–3]1
Input Clock
Frequency
(PCI)2
CPM
Multiplication
Factor 2
CPM
Frequency
Core
Multiplication
Factor
Core
Frequency 3
Bus Division
Factor
60x Bus
Frequency4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com