Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8250 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MPC8250
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MPC8250 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
MPC8250 Hardware Specifications, Rev. 2
Freescale Semiconductor
31
Pinout
Figure 14 shows the side profile of the TBGA package to indicate the direction of the top surface view.
Figure 14. Side View of the TBGA Package
Table 20 shows the pinout list of the TBGA package of the MPC8250. Table 19 defines the conventions
and acronyms used in Table 20.
Table 19. Symbol Legend
Symbol
Meaning
OVERBAR
Signals with overbars, such as TA, are active low.
MII
Indicates that a signal is part of the media independent interface.
Table 20. MPC8250 TBGA Package Pinout List
Pin Name
Ball
BR
W5
BG
F4
ABB/IRQ2
E2
TS
E3
A0
G1
A1
H5
A2
H2
A3
H1
A4
J5
A5
J4
A6
J3
A7
J2
A8
J1
A9
K4
A10
K3
A11
K2
A12
K1
Soldermask
Copper Traces
Die
Copper Heat Spreader
(Oxidized for Insulation)
1.27 mm Pitch
Glob-Top Dam
Wire Bonds
Etched
Pressure Sensitive
Die
Glob-Top Filled Area
Polymide Tape
Cavity
Adhesive
Attach
View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com