Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBT1815 Datasheet(PDF) 1 Page - First Components International

Part # FMBT1815
Description  NPN Epitaxial Planar Transistor Collector - Emitter Voltage VCEO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMBT1815 Datasheet(HTML) 1 Page - First Components International

  FMBT1815 Datasheet HTML 1Page - First Components International FMBT1815 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V
CEO
50
V
V
CBO
60
V
V
EBO
5.0
V
I
C
150
mA
Total Device Dissipation FR-5 Board (Note1)
T
A = 25
o
C
Junction and Storage Temperature
Description
Data Sheet
NPN Epitaxial
Planar Transistor
Ratings
Maximum Ratings
Collector - Emitter Voltage
Collector - Base Voltage
Emitter - Base Voltage
Collector Current (Continuous)
Symbol
Value
Units
P
D
125
mW
T
J, TSTG
-55 to 150
o
C
Mechanical Dimensions
.110
.060
.037
.037
.115
.016
.043
.004
.016
1
2
3
1
2
3
2
3
1
Electrical Characteristics @ 25oC
Characteristic
Symbol
Min
Max
Unit
Collector - Emitter Breakdown Voltage
(I
C = 1.0mA)
Collector - Base Breakdown Voltage
(I
C = 0.1mA)
Emitter - Base Breakdown Voltage
(I
E = 0.01mA)
Collector Cutoff Current
(V
CB = 60V)
Emitter Cutoff Current
(V
EB = 5.0V)
DC Current Gain
(I
C = 2.0 mA, VCE = 6.0 V)*
(I
C = 150 mA, VCE = 6.0 V)
Collector - Emitter Saturation Voltage
(I
C = 100 mA, IB = 10 mA)
Base - Emitter Saturation Voltage
(I
C = 100 mA, IB = 10 mA)
Current - Gain - Bandwidth Product
(I
C = 1.0 mA, VCE = 10 V, f = 100 MHz)
Output Capacitance
(V
CB = 10 V, f = 1.0 MHz)
V
BR(CEO)
50
---
V
V
BR(CBO)
60
---
V
V
BR(EBO)
5.0
---
V
I
CBO
---
0.1
µA
I
EBO
---
0.1
µA
H
FE
---
120
600
25
---
V
CE(sat)
Vdc
---
0.25
V
BE(sat)
Vdc
---
1.0
f
T
80
---
MHz
C
ob
---
3.5
pF
* Classification of h
FE
Rank
C4Y
C4G
C4B
Range
120-240
200-400
350-600


Similar Part No. - FMBT1815

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMBT1000 FAIRVIEW-FMBT1000 Datasheet
524Kb / 3P
SMA Bias Tee From 500 MHz to 10 GHz Rated To 700 mA And 50 Volts DC
REV 1.0
logo
First Components Intern...
FMBT1015 FCI-FMBT1015 Datasheet
70Kb / 2P
PNP Epitaxial Planar Transistor Collector - Emitter Voltage VCEO
logo
Infinite Electronics In...
FMBT1623 FAIRVIEW-FMBT1623 Datasheet
704Kb / 4P
10 MHz to 2.5 GHz N Broadband Bias Tee, Male Output, Rated to 2.5 Amps and 100 Volts, DC SMA connector
REV 1 A
FMBT1624 FAIRVIEW-FMBT1624 Datasheet
700Kb / 4P
10 MHz to 2.5 GHz SMA Broadband Bias Tee, Male Input, Rated to 2.5 Amps and 100 Volts, DC SMA connector
REV 1 A
FMBT1625 FAIRVIEW-FMBT1625 Datasheet
698Kb / 4P
10 MHz to 2.5 GHz N Broadband Bias Tee, Male Input, Rated to 2.5 Amps and 100 Volts, DC Pin
REV 1 A
More results

Similar Description - FMBT1815

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBTA44LT1G LRC-LMBTA44LT1G Datasheet
83Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR High Breakdown Voltage: VCEO=400
logo
First Components Intern...
FMBT1015 FCI-FMBT1015 Datasheet
70Kb / 2P
PNP Epitaxial Planar Transistor Collector - Emitter Voltage VCEO
FMBT3904 FCI-FMBT3904 Datasheet
529Kb / 2P
NPN General Purpose Transistor Collector - Emitter Voltage VCEO
FMBT3906 FCI-FMBT3906 Datasheet
61Kb / 2P
PNP General Purpose Transistor Collector - Emitter Voltage VCEO -40
FMBT4401 FCI-FMBT4401 Datasheet
71Kb / 2P
NPN Switching Transistor Collector - Emitter Voltage VCEO 40
FMBT4403 FCI-FMBT4403 Datasheet
73Kb / 2P
PNP Switching Transistor Collector - Emitter Voltage VCEO 40
logo
ON Semiconductor
BC817-16L ONSEMI-BC817-16L_11 Datasheet
186Kb / 10P
General Purpose Transistors NPN Silicon Collector ??Emitter Voltage VCEO 45
November, 2011 ??Rev. 11
logo
Inchange Semiconductor ...
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com