Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F4M Datasheet(PDF) 59 Page - Holtek Semiconductor Inc

Part # HT45F4M
Description  Lithium Battery Backup Power ASSP MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4M Datasheet(HTML) 59 Page - Holtek Semiconductor Inc

Back Button HT45F4M Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 63Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 138 page
background image
Rev. 1.10
�8
�an�a�� 1�� �01�
Rev. 1.10
�9
�an�a�� 1�� �01�
HT45F4M
Lithium Battery Backup Power ASSP MCU
HT45F4M
Lithium Battery Backup Power ASSP MCU
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TM0C0
T0PAU
T0CK�
T0CK1
T0CK0
T0ON
—
—
—
TM0C1
T0M1
T0M0
T0IO1
T0IO0
T0OC
T0POL
T0DPX
T0CCLR
TM0DL
D7
D6
D�
D4
D�
D�
D1
D0
TM0DH
D1�
D14
D1�
D1�
D11
D10
D9
D8
TM0AL
D7
D6
D�
D4
D�
D�
D1
D0
TM0AH
D1�
D14
D1�
D1�
D11
D10
D9
D8
TM0RP
D7
D6
D�
D4
D�
D�
D1
D0
16-bit Standard TM Register List
TM0C0 Register
Bit
7
6
5
4
3
2
1
0
Name
T0PAU
T0CK�
T0CK1
T0CK0
T0ON
—
—
—
R/W
R/W
R/W
R/W
R/W
R/W
—
—
—
POR
0
0
0
0
0
—
—
—
Bit7
T0PAU:TM0CounterPauseControl
0:run
1:pause
Thecountercanbepausedbysettingthisbithigh.Clearingthebittozerorestores
normalcounteroperation.WheninaPauseconditiontheTMwillremainpoweredup
andcontinuetoconsumepower.Thecounterwillretainitsresidualvaluewhenthisbit
changesfromlowtohighandresumecountingfromthisvaluewhenthebitchanges
toalowvalueagain.
Bit6~4
T0CK2 ~ T0CK0:SelectTM0Counterclock
000:fSYS/4
001:fSYS
010:fH/16
011:fH/64
100:fTBC
101:fTBC
110:TCK0risingedgeclock
111:TCK0fallingedgeclock
ThesethreebitsareusedtoselecttheclocksourcefortheTM.Theexternalpinclock
sourcecanbechosentobeactiveontherisingorfallingedge.TheclocksourcefSYSis
thesystemclock,whilefHandfTBCareotherinternalclocks,thedetailsofwhichcan
befoundintheoscillatorsection.
Bit3
T0ON:TM0CounterOn/OffControl
0:Off
1:On
Thisbitcontrolstheoverallon/offfunctionoftheTM.Settingthebithighenablesthe
countertorun,clearingthebitdisablestheTM.Clearingthisbittozerowillstopthe
counterfromcountingandturnofftheTMwhichwillreduceitspowerconsumption.
Whenthebitchangesstatefromlowtohightheinternalcountervaluewillberesetto
zero,howeverwhenthebitchangesfromhightolow,theinternalcounterwillretain
itsresidualvalueuntilthebitreturnshighagain.
IftheTMisintheCompareMatchOutputModethentheTMoutputpinwillbereset
toitsinitialcondition,asspecifiedbytheT0OCbit,whentheT0ONbitchangesfrom
lowtohigh.
Bit2~0
Unimplemented,readas0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com