Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F4M Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT45F4M
Description  Lithium Battery Backup Power ASSP MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4M Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT45F4M Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 138 page
background image
Rev. 1.10
10
�an�a�� 1�� �01�
Rev. 1.10
11
�an�a�� 1�� �01�
HT45F4M
Lithium Battery Backup Power ASSP MCU
HT45F4M
Lithium Battery Backup Power ASSP MCU
Absolute Maximum Ratings
SupplyVoltage........................ VSS-0.3VtoVSS+6.0V
InputVoltage...........................VSS-0.3VtoVDD+0.3V
IOLTotal...............................................................80mA
TotalPowerDissipation................................... 500mV
StorageTemperature.......................... -50°Cto150°C
OperatingTemperature........................ -40°Cto85°C
IOHTotal............................................................. -80mA
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“AbsoluteMaximumRatings”
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.
D.C. Characteristics
Ta= ��°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Ope�ating Voltage
—
fSYS=7.�MHz
�.7
—
�.�
V
fSYS=1�MHz
4.�
—
�.�
V
IDD1
Ope�ating C���ent�
No�mal Mode�
fH=�0MHz
�V
No load� fSYS=fH/��
ADC off� WDT enable
—
�.�
�.0
mA
�V
—
7.�
11.�
mA
�V
No load� fSYS=fH/4�
ADC off� WDT enable
—
�.4
�.60
mA
�V
—
�.4
8.10
mA
�V
No load� fSYS=fH/8�
ADC off� WDT enable
—
�
�.00
mA
�V
—
4.�
6.�0
mA
�V
No load� fSYS=fH/16�
ADC off� WDT enable
—
1.8
�.70
mA
�V
—
�.6
�.40
mA
�V
No load� fSYS=fH/���
ADC off� WDT enable
—
1.6
�.40
mA
�V
—
�.�
4.80
mA
�V
No load� fSYS=fH/64�
ADC off� WDT enable
—
1.6
�.4
mA
�V
—
�.�
4.8
mA
IDD�
Ope�ating C���ent�
Slow Mode�
fSYS= fSUB= LIRC�
�V
No load� fSYS= LIRC�
ADC off� WDT enable
—
10
�0
μA
�V
—
�0
�0
μA
IIDLE01
IDLE0 Mode Stanb�
C���ent (LIRC on)
�V
No load� ADC off�
WDT enable� LVR disable
—
1.�
�.0
μA
�V
—
�.�
�.0
μA
IIDLE11
IDLE1 Mode Stanb�
C���ent
�V
No load� ADC off�
WDT enable� fSYS= �0MHz on
—
�.0
�.0
mA
�V
—
4.0
6.0
mA
ISLEEP
SLEEP Mode Stanb�
C���ent (LIRC on)
�V
No load� ADC off�
WDT enable� LVR disable
—
1.�
�.0
μA
�V
—
�.�
�.0
μA
VIL1
Inp�t Low Voltage fo� I/O
Po�ts o� Inp�t Pins
�V
—
0
—
1.�
V
—
—
0
—
0.�VDD
V
VIH1
Inp�t High Voltage fo� I/O
Po�ts o� Inp�t Pins
�V
—
�.�
—
�.0
V
—
—
0.8VDD
—
VDD
V
IOL1
I/O Po�t Sink C���ent
(PA� PB0~PB�� PB6� PB7)
�V
VOL= 0.1VDD
6.4
1�.8
—
mA
�V
VOL= 0.1VDD
16
��
—
mA
IOH1
I/O Po�t So��ce C���ent
(PA� PB0~PB�� PB6� PB7)
�V
VOH= 0.9VDD
�.4
4.8
—
mA
�V
VOH= 0.9VDD
6
1�
—
mA
IOL�
I/O Po�t Sink C���ent
(PB4� PB�)
�V
VOL= 0.1VDD
8
16
—
mA
�V
VOL= 0.1VDD
�0
40
—
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com