Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASD1194 Datasheet(PDF) 39 Page - Texas Instruments

Part # ASD1194
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ASD1194 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ASD1194 Datasheet HTML 35Page - Texas Instruments ASD1194 Datasheet HTML 36Page - Texas Instruments ASD1194 Datasheet HTML 37Page - Texas Instruments ASD1194 Datasheet HTML 38Page - Texas Instruments ASD1194 Datasheet HTML 39Page - Texas Instruments ASD1194 Datasheet HTML 40Page - Texas Instruments ASD1194 Datasheet HTML 41Page - Texas Instruments ASD1194 Datasheet HTML 42Page - Texas Instruments ASD1194 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
ADS1194, ADS1196
ADS1198
www.ti.com
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
REGISTER MAP
Table 10 describes the various ADS1194/6/8 registers.
Table 10. Register Assignments
RESET
VALUE
ADDRESS
REGISTER
(Hex)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Device Settings (Read-Only Registers)
00h
ID
XX
DEV_ID5
DEV_ID4
DEV_ID3
1
0
DEV_ID2
DEV_ID1
DEV_ID0
Global Settings Across Channels
01h
CONFIG1
04
0
DAISY_EN
CLK_EN
0
0
DR2
DR1
DR0
02h
CONFIG2
20
0
0
1
INT_TEST
0
TEST_AMP
TEST_FREQ1
TEST_FREQ0
RLD_LOFF_
03h
CONFIG3
40
PD_REFBUF
1
VREF_4V
RLD_MEAS
RLDREF_INT
PD_RLD
RLD_STAT
SENS
VLEAD_OFF_
04h
LOFF
00
COMP_TH2
COMP_TH1
COMP_TH0
ILEAD_OFF1
ILEAD_OFF0
FLEAD_OFF1
FLEAD_OFF0
EN
Channel-Specific Settings
05h
CH1SET
00
PD1
GAIN12
GAIN11
GAIN10
0
MUXn2
MUXn1
MUXn0
06h
CH2SET
00
PD2
GAIN22
GAIN21
GAIN20
0
MUX22
MUX21
MUX20
07h
CH3SET
00
PD3
GAIN32
GAIN31
GAIN30
0
MUX32
MUX31
MUX30
08h
CH4SET
00
PD4
GAIN42
GAIN41
GAIN40
0
MUX42
MUX41
MUX40
09h
CH5SET
(1)
00
PD5
GAIN52
GAIN51
GAIN50
0
MUX52
MUX51
MUX50
0Ah
CH6SET
(1)
00
PD6
GAIN62
GAIN61
GAIN60
0
MUX62
MUX61
MUX60
0Bh
CH7SET
(1)
00
PD7
GAIN72
GAIN71
GAIN70
0
MUX72
MUX71
MUX70
0Ch
CH8SET
(1)
00
PD8
GAIN82
GAIN81
GAIN80
0
MUX82
MUX81
MUX80
0Dh
RLD_SENSP
(2)
00
RLD8P
(1)
RLD7P
(1)
RLD6P
(1)
RLD5P
(1)
RLD4P
RLD3P
RLD2P
RLD1P
0Eh
RLD_SENSN
(2)
00
RLD8N
(1)
RLD7N
(1)
RLD6N
(1)
RLD5N
(1)
RLD4N
RLD3N
RLD2N
RLD1N
0Fh
LOFF_SENSP
(2)
00
LOFF8P
LOFF7P
LOFF6P
LOFF5P
LOFF4P
LOFF3P
LOFF2P
LOFF1P
10h
LOFF_SENSN
(2)
00
LOFF8N
LOFF7N
LOFF6N
LOFF5N
LOFF4N
LOFF3N
LOFF2N
LOFF1N
11h
LOFF_FLIP
00
LOFF_FLIP8
LOFF_FLIP7
LOFF_FLIP6
LOFF_FLIP5
LOFF_FLIP4
LOFF_FLIP3
LOFF_FLIP2
LOFF_FLIP1
Lead-Off Status Registers (Read-Only Registers)
12h
LOFF_STATP
00
IN8P_OFF
IN7P_OFF
IN6P_OFF
IN5P_OFF
IN4P_OFF
IN3P_OFF
IN2P_OFF
IN1P_OFF
13h
LOFF_STATN
00
IN8N_OFF
IN7N_OFF
IN6N_OFF
IN5N_OFF
IN4N_OFF
IN3N_OFF
IN2N_OFF
IN1N_OFF
GPIO and OTHER Registers
14h
GPIO
0F
GPIOD4
GPIOD3
GPIOD2
GPIOD1
GPIOC4
GPIOC3
GPIOC2
GPIOC1
15h
PACE
00
0
0
0
PACEE1
PACEE0
PACEO1
PACEO0
PD_PACE
16h
RESERVED
00
0
0
0
0
0
0
0
0
SINGLE_
WCT_TO_
PD_LOFF_
17h
CONFIG4
00
0
0
0
0
0
SHOT
RLD
COMP
18h
WCT1
00
aVF_CH6
aVL_CH5
aVR_CH7
avR_CH4
PD_WCTA
WCTA2
WCTA1
WCTA0
19h
WCT2
00
PD_WCTC
PD_WCTB
WCTB2
WCTB1
WCTB0
WCTC2
WCTC1
WCTC0
(1)
CH5SET and CH6SET are not available for the ADS1194. CH7SET and CH8SET registers are not available for the ADS1194 and
ADS1196.
(2)
The RLD_SENSP, PACE_SENSP, LOFF_SENSP, LOFF_SENSN, and LOFF_FLIP registers bits[5:4] are not available for the
ADS1194. Bits[7:6] are not available for the ADS1194/6.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): ADS1194 ADS1196 ADS1198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com