Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASD1194 Datasheet(PDF) 21 Page - Texas Instruments

Part # ASD1194
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ASD1194 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ASD1194 Datasheet HTML 17Page - Texas Instruments ASD1194 Datasheet HTML 18Page - Texas Instruments ASD1194 Datasheet HTML 19Page - Texas Instruments ASD1194 Datasheet HTML 20Page - Texas Instruments ASD1194 Datasheet HTML 21Page - Texas Instruments ASD1194 Datasheet HTML 22Page - Texas Instruments ASD1194 Datasheet HTML 23Page - Texas Instruments ASD1194 Datasheet HTML 24Page - Texas Instruments ASD1194 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
Max(INP
INN)<
-
V
REF
Gain
Full-ScaleRange=
±
V
REF
Gain
;
−160
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.001
0.01
0.1
1
Normalized Frequency (fIN/fMOD)
G001
ADS1194, ADS1196
ADS1198
www.ti.com
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
Input Differential Dynamic Range
The differential (INP
– INN) signal range depends on the analog supply and reference used in the system. This
range is shown in Equation 3.
(3)
The 3V supply, with a reference of 2.4V and a gain of 6 for ECGs, is optimized for power with a differential input
signal of approximately 300mV. For higher dynamic range, a 5V supply with a reference of 4V (set by the
VREF_4V bit of the CONFIG3 register) can be used to increase the differential dynamic range.
ADC
ΔΣ Modulator
Each channel of the ADS1194/6/8 has a 16-bit
ΔΣ ADC. This converter uses a second-order modulator
optimized for low-power applications. The modulator samples the input signal at the rate of fMOD = fCLK/8. As in
the case of any
ΔΣ modulator, the noise of the ADS1194/6/8 is shaped until fMOD/2, as shown in Figure 20. The
on-chip digital decimation filters explained in the next section can be used to filter out the noise at higher
frequencies. These on-chip decimation filters also provide antialias filtering. This feature of the
ΔΣ converters
drastically reduces the complexity of the analog antialiasing filters that are typically needed with nyquist ADCs.
Figure 20. Modulator Noise Spectrum Up To 0.5
× fMOD
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS1194 ADS1196 ADS1198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com