Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASD1194 Datasheet(PDF) 13 Page - Texas Instruments

Part # ASD1194
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ASD1194 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ASD1194 Datasheet HTML 9Page - Texas Instruments ASD1194 Datasheet HTML 10Page - Texas Instruments ASD1194 Datasheet HTML 11Page - Texas Instruments ASD1194 Datasheet HTML 12Page - Texas Instruments ASD1194 Datasheet HTML 13Page - Texas Instruments ASD1194 Datasheet HTML 14Page - Texas Instruments ASD1194 Datasheet HTML 15Page - Texas Instruments ASD1194 Datasheet HTML 16Page - Texas Instruments ASD1194 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
-
1
1
Input(NormalizedtoFull-ScaleRange)
0
1
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1
-
-
-
-
-
0.2
0.4
0.6
0.8
-
0.2
-
0.4
-
0.6
-
0.8
+70 C
°
+50 C
°
+25 C
°
0 C
°
-
1
1
Input(NormalizedtoFull-Scale)
0
1
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1
-
-
-
-
-
0.2
0.4
0.6
0.8
-
0.2
-
0.4
-
0.6
-
0.8
PGA1
PGA2
PGA3
PGA4
PGA6
PGA8
PGA12
0
4000
Frequency(Hz)
2000
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
1500
1000
500
2500
3000
3500
PGAGain=6
THD= 92dB
SNR=74dB
f
=8kSPS
-
DR
0
250
Frequency(Hz)
200
0
20
40
60
80
100
120
140
160
180
-
-
-
-
-
-
-
-
-
150
100
50
PGAGain=6
THD= 96dB
SNR=96.7dB
f
=500SPS
-
DR
10
1k
Frequency(Hz)
100
-
-
-
-
-
-
-
-
-
125
120
115
110
105
100
95
90
85
80
-
PGA=1
PGA=2
PGA=3
PGA=4
PGA=6
PGA=8
PGA=12
10
1k
Frequency(Hz)
100
f
=4kSPS
DR
-
-
-
-
-
-
-
110
105
100
95
90
85
80
75
-
PGA=1
PGA=2
PGA=3
PGA=4
PGA=6
PGA=8
PGA=12
ADS1194, ADS1196
ADS1198
www.ti.com
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
TYPICAL CHARACTERISTICS
All plots at TA = +25°C, AVDD = 3V, AVSS = 0V, DVDD = 1.8V, internal VREFP = 2.4V, VREFN = AVSS, external
clock = 2.048MHz, data rate = 500SPS, and gain = 6, unless otherwise noted.
INL vs TEMPERATURE
INL vs PGA GAIN
Figure 3.
Figure 4.
FFT PLOT
FFT PLOT
Figure 5.
Figure 6.
CMRR vs FREQUENCY
THD vs FREQUENCY
Figure 7.
Figure 8.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS1194 ADS1196 ADS1198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com