Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8328IPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8328IPWR
Description  LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8328IPWR Datasheet(HTML) 2 Page - Texas Instruments

  ADS8328IPWR Datasheet HTML 1Page - Texas Instruments ADS8328IPWR Datasheet HTML 2Page - Texas Instruments ADS8328IPWR Datasheet HTML 3Page - Texas Instruments ADS8328IPWR Datasheet HTML 4Page - Texas Instruments ADS8328IPWR Datasheet HTML 5Page - Texas Instruments ADS8328IPWR Datasheet HTML 6Page - Texas Instruments ADS8328IPWR Datasheet HTML 7Page - Texas Instruments ADS8328IPWR Datasheet HTML 8Page - Texas Instruments ADS8328IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
ADS8327
ADS8328
SLAS415E
– APRIL 2006 – REVISED JANUARY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
MAXIMUM
MAXIMUM
MAXIMUM
TRANSPORT
INTEGRAL
DIFFERENTIAL
OFFSET
PACKAGE
PACKAGE
TEMPERATURE
ORDERING
MODEL
MEDIA
LINEARITY
LINEARITY
ERROR
TYPE
DESIGNATOR
RANGE
INFORMATION
QUANTITY
(LSB)
(LSB)
(mV)
ADS8327IPW
Tube 90
TSSOP-16
PW
Tape and reel
ADS8327IPWR
2000
ADS8327I
±3
–1/+2
±1.25
–40°C to +85°C
Small tape and
ADS8327IRSAT
reel 250
4
×4 QFN-16
RSA
Tape and reel
ADS8327IRSAR
3000
ADS8327IBPW
Tube 90
TSSOP-16
PW
Tape and reel
ADS8327IBPWR
2000
ADS8327IB
±2
±1
±1
–40°C to +85°C
Small tape and
ADS8327IBRSAT
reel 250
4
×4 QFN-16
RSA
Tape and reel
ADS8327IBRSAR
3000
ADS8328IPW
Tube 90
TSSOP-16
PW
Tape and reel
ADS8328IPWR
2000
ADS8328I
±3
–1/+2
±1.25
–40°C to +85°C
Small tape and
ADS8328IRSAT
reel 250
4
×4 QFN-16
RSA
Tape and reel
ADS8328IRSAR
3000
ADS8328IBPW
Tube 90
TSSOP-16
PW
Tape and reel
ADS8328IBPWR
2000
ADS8328IB
±2
±1
±1
–40°C to +85°C
Small tape and
ADS8328IBRSAT
reel 250
4
×4 QFN-16
RSA
Tape and reel
ADS8328IBRSAR
3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
2
Submit Documentation Feedback
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS8327 ADS8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com