Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8328IPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8328IPWR
Description  LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8328IPWR Datasheet(HTML) 3 Page - Texas Instruments

  ADS8328IPWR Datasheet HTML 1Page - Texas Instruments ADS8328IPWR Datasheet HTML 2Page - Texas Instruments ADS8328IPWR Datasheet HTML 3Page - Texas Instruments ADS8328IPWR Datasheet HTML 4Page - Texas Instruments ADS8328IPWR Datasheet HTML 5Page - Texas Instruments ADS8328IPWR Datasheet HTML 6Page - Texas Instruments ADS8328IPWR Datasheet HTML 7Page - Texas Instruments ADS8328IPWR Datasheet HTML 8Page - Texas Instruments ADS8328IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
ADS8327
ADS8328
www.ti.com
SLAS415E
– APRIL 2006 – REVISED JANUARY 2011
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range, unless otherwise noted.
(1)
UNIT
+IN to AGND
–0.3 V to +VA + 0.3 V
Voltage
–IN to AGND
–0.3 V to +VA + 0.3 V
+VA to AGND
–0.3 V to 7 V
+REF to AGND
–0.3 V to +VA + 0.3 V
Voltage range
–REF to AGND
–0.3 V to +0.3 V
+VBD to BDGND
–0.3 V to 7 V
AGND to BDGND
–0.3 V to 0.3 V
Digital input voltage to BDGND
–0.3 V to +VBD + 0.3 V
Digital output voltage to BDGND
–0.3 V to +VBD + 0.3 V
TA
Operating free-air temperature range
–40°C to +85°C
Tstg
Storage temperature range
–65°C to +150°C
Junction temperature (TJ max)
+150
°C
Power dissipation
(TJMax - TA)/qJA
TSSOP-16
Package
qJA thermal impedance
86
°C/W
Power dissipation
(TJMax – TA)/qJA
4
×4 QFN-16
Package
qJA thermal impedance
47
°C/W
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
© 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS8327 ADS8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com