Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8328IPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8328IPWR
Description  LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8328IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS8328IPWR Datasheet HTML 17Page - Texas Instruments ADS8328IPWR Datasheet HTML 18Page - Texas Instruments ADS8328IPWR Datasheet HTML 19Page - Texas Instruments ADS8328IPWR Datasheet HTML 20Page - Texas Instruments ADS8328IPWR Datasheet HTML 21Page - Texas Instruments ADS8328IPWR Datasheet HTML 22Page - Texas Instruments ADS8328IPWR Datasheet HTML 23Page - Texas Instruments ADS8328IPWR Datasheet HTML 24Page - Texas Instruments ADS8328IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
-160
-140
-120
-100
-80
-60
-40
-20
0
0
50
100
150
200
250
10kHzInput,+VA =5V,
V
=4.096V,f =500kSPS
ref
s
f-Frequency-kHz
-160
-140
-120
-100
-80
-60
-40
-20
0
0
50
100
150
200
250
100kHzInput,+VA =5V,
V
=4.096V,f =500kSPS
ref
s
f-Frequency-kHz
ADS8327
ADS8328
www.ti.com
SLAS415E
– APRIL 2006 – REVISED JANUARY 2011
TYPICAL CHARACTERISTICS (continued)
FFT
FFT
Figure 49.
Figure 50.
THEORY OF OPERATION
The ADS8327/28 is a high-speed, low power, successive approximation register (SAR) analog-to-digital
converter (ADC) that uses an external reference. The architecture is based on charge redistribution, which
inherently includes a sample/hold function.
The ADS8327/28 has an internal clock that is used to run the conversion but can also be programmed to run the
conversion based on the external serial clock, SCLK.
The ADS8327 has one analog input. The analog input is provided to two input pins: +IN and
–IN. When a
conversion is initiated, the differential input on these pins is sampled on the internal capacitor array. While a
conversion is in progress, both +IN and
–IN inputs are disconnected from any internal function.
The ADS8328 has two inputs. Both inputs share the same common pin
—COM. The negative input is the same
as the
–IN pin for the ADS8327. The ADS8328 can be programmed to select a channel manually or can be
programmed into the auto channel select mode to sweep between channel 0 and 1 automatically.
ANALOG INPUT
When the converter enters hold mode, the voltage difference between the +IN and
–IN inputs is captured on the
internal capacitor array. The voltage on the
–IN input is limited between AGND – 0.2 V and AGND + 0.2 V,
allowing the input to reject small signals which are common to both the +IN and
–IN inputs. The +IN input has a
range of
–0.2 V to VREF + 0.2 V. The input span (+IN – (–IN)) is limited to 0 V to VREF.
The (peak) input current through the analog inputs depends upon a number of factors: sample rate, input
voltage, and source impedance. The current into the ADS8327/28 charges the internal capacitor array during the
sample period. After this capacitance has been fully charged, there is no further input current. The source of the
analog input voltage must be able to charge the input capacitance (45 pF) to a 16-bit settling level within the
minimum acquisition time (238 ns). When the converter goes into hold mode, the input impedance is greater than
1 G
Ω.
Care must be taken regarding the absolute analog input voltage. To maintain linearity of the converter, the +IN
and
–IN inputs and the span (+IN – (–IN)) should be within the limits specified. Outside of these ranges,
converter linearity may not meet specifications. To minimize noise, low bandwidth input signals with low-pass
filters should be used. Care should be taken to ensure that the output impedance of the sources driving the +IN
and
–IN inputs are matched. If this is not observed, the two inputs could have different settling times. This may
result in an offset error, gain error, and linearity error which change with temperature and input voltage.
© 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS8327 ADS8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com