Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC0832LCWM Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC0832LCWM
Description  DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC0832LCWM Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC0832LCWM Datasheet HTML 3Page - Texas Instruments DAC0832LCWM Datasheet HTML 4Page - Texas Instruments DAC0832LCWM Datasheet HTML 5Page - Texas Instruments DAC0832LCWM Datasheet HTML 6Page - Texas Instruments DAC0832LCWM Datasheet HTML 7Page - Texas Instruments DAC0832LCWM Datasheet HTML 8Page - Texas Instruments DAC0832LCWM Datasheet HTML 9Page - Texas Instruments DAC0832LCWM Datasheet HTML 10Page - Texas Instruments DAC0832LCWM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
DAC0830, DAC0832
www.ti.com
SNAS534B – MAY 1999 – REVISED MARCH 2013
TI's linearity “end point test” (a) and the “best straight line” test (b,c) used by other suppliers are illustrated above.
The “end point test'' greatly simplifies the adjustment procedure by eliminating the need for multiple iterations of
checking the linearity and then adjusting full scale until the linearity is met. The “end point test'' ensures that
linearity is met after a single full scale adjust. (One adjustment vs. multiple iterations of the adjustment.) The “end
point test'' uses a standard zero and F.S. adjustment procedure and is a much more stringent test for DAC
linearity.
Power Supply Sensitivity: Power supply sensitivity is a measure of the effect of power supply changes on the
DAC full-scale output.
Settling Time: Settling time is the time required from a code transition until the DAC output reaches within
±½LSB of the final output value. Full-scale settling time requires a zero to full-scale or full-scale to zero output
change.
Full Scale Error: Full scale error is a measure of the output error between an ideal DAC and the actual device
output. Ideally, for the DAC0830 series, full scale is VREF −1LSB. For VREF = 10V and unipolar operation, VFULL-
SCALE = 10,0000V–39mV 9.961V. Full-scale error is adjustable to zero.
Differential Nonlinearity: The difference between any two consecutive codes in the transfer curve from the
theoretical 1 LSB to differential nonlinearity.
Monotonic: If the output of a DAC increases for increasing digital input code, then the DAC is monotonic. An 8-
bit DAC which is monotonic to 8 bits simply means that increasing digital input codes will produce an increasing
analog output.
Figure 6. DAC0830 Functional Diagram
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DAC0830 DAC0832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com