Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC0832LCWM Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC0832LCWM
Description  DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC0832LCWM Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC0832LCWM Datasheet HTML 17Page - Texas Instruments DAC0832LCWM Datasheet HTML 18Page - Texas Instruments DAC0832LCWM Datasheet HTML 19Page - Texas Instruments DAC0832LCWM Datasheet HTML 20Page - Texas Instruments DAC0832LCWM Datasheet HTML 21Page - Texas Instruments DAC0832LCWM Datasheet HTML 22Page - Texas Instruments DAC0832LCWM Datasheet HTML 23Page - Texas Instruments DAC0832LCWM Datasheet HTML 24Page - Texas Instruments DAC0832LCWM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
DAC0830, DAC0832
www.ti.com
SNAS534B – MAY 1999 – REVISED MARCH 2013
Figure 34. Two Terminal Floating 4 to 20 mA Current Loop Controller
•
DAC0830 linearly controls the current flow from the input terminal to the output terminal to be 4 mA (for D=0)
to 19.94 mA (for D=255).
•
Circuit operates with a terminal voltage differential of 16V to 55V.
•
P2 adjusts the magnitude of the output current and P1 adjusts the zero to full scale range of output current.
•
Digital inputs can be supplied from a processor using opto isolators on each input or the DAC latches can
flow-through (connect control lines to pins 3 and 10 of the DAC) and the input data can be set by SPST
toggle switches to ground (pins 3 and 10).
Figure 35. DAC Controlled Exponential Time Response
•
Output responds exponentially to input changes and automatically stops when VOUT=VIN
•
Output time constant is directly proportional to the DAC input code and capacitor C
•
Input voltage must be positive (See Using the DAC0830 in a Voltage Switching Configuration
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: DAC0830 DAC0832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com