Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC0832LCWM Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC0832LCWM
Description  DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC0832LCWM Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC0832LCWM Datasheet HTML 6Page - Texas Instruments DAC0832LCWM Datasheet HTML 7Page - Texas Instruments DAC0832LCWM Datasheet HTML 8Page - Texas Instruments DAC0832LCWM Datasheet HTML 9Page - Texas Instruments DAC0832LCWM Datasheet HTML 10Page - Texas Instruments DAC0832LCWM Datasheet HTML 11Page - Texas Instruments DAC0832LCWM Datasheet HTML 12Page - Texas Instruments DAC0832LCWM Datasheet HTML 13Page - Texas Instruments DAC0832LCWM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
DAC0830, DAC0832
SNAS534B – MAY 1999 – REVISED MARCH 2013
www.ti.com
*TIE TO LOGIC 1 IF NOT NEEDED (SEE Double-Buffered Operation).
Figure 13. Controlling Mutiple DACs
Figure 14.
The ILE pin is an active high chip select which can be decoded from the address bus as a qualifier for the normal
CS signal generated during a write operation. This can be used to provide a higher degree of decoding unique
control signals for a particular DAC, and thereby create a more efficient addressing scheme.
Another useful application of the ILE pin of each DAC in a multiple DAC system is to tie these inputs together
and use this as a control line that can effectively “freeze” the outputs of all the DAC's at their present value.
Pulling this line low latches the input register and prevents new data from being written to the DAC. This can be
particularly useful in multiprocessing systems to allow a processor other than the one controlling the DAC's to
take over control of the data bus and control lines. If this second system were to use the same addresses as
those decoded for DAC control (but for a different purpose) the ILE function would prevent the DAC's from being
erroneously altered.
In a “Stand-Alone” system the control signals are generated by discrete logic. In this case double-buffering can
be controlled by simply taking CS and XFER to a logic “0”, ILE to a logic “1” and pulling WR1 low to load data to
the input latch. Pulling WR2 low will then update the analog output. A logic “1” on either of these lines will prevent
the changing of the analog output.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: DAC0830 DAC0832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com