Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2931CS/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM2931CS/NOPB
Description  LM2931-N Series Low Dropout Regulators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2931CS/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM2931CS/NOPB Datasheet HTML 11Page - Texas Instruments LM2931CS/NOPB Datasheet HTML 12Page - Texas Instruments LM2931CS/NOPB Datasheet HTML 13Page - Texas Instruments LM2931CS/NOPB Datasheet HTML 14Page - Texas Instruments LM2931CS/NOPB Datasheet HTML 15Page - Texas Instruments LM2931CS/NOPB Datasheet HTML 16Page - Texas Instruments LM2931CS/NOPB Datasheet HTML 17Page - Texas Instruments LM2931CS/NOPB Datasheet HTML 18Page - Texas Instruments LM2931CS/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
21-May-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM2931AM-5.0
ACTIVE
SOIC
D
8
95
TBD
Call TI
Call TI
-40 to 85
2931A
M-5.0
LM2931AM-5.0/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
2931A
M-5.0
LM2931AMX-5.0
ACTIVE
SOIC
D
8
2500
TBD
Call TI
Call TI
-40 to 85
2931A
M-5.0
LM2931AMX-5.0/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
2931A
M-5.0
LM2931AS-5.0
ACTIVE
DDPAK/
TO-263
KTT
3
45
TBD
Call TI
Call TI
-40 to 85
LM2931
AS5.0
LM2931AS-5.0/NOPB
ACTIVE
DDPAK/
TO-263
KTT
3
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 85
LM2931
AS5.0
LM2931ASX-5.0
ACTIVE
DDPAK/
TO-263
KTT
3
500
TBD
Call TI
Call TI
-40 to 85
LM2931
AS5.0
LM2931ASX-5.0/NOPB
ACTIVE
DDPAK/
TO-263
KTT
3
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 85
LM2931
AS5.0
LM2931AT-5.0
ACTIVE
TO-220
NDE
3
45
TBD
Call TI
Call TI
-40 to 85
LM2931
AT5.0
LM2931AT-5.0/NOPB
ACTIVE
TO-220
NDE
3
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
-40 to 85
LM2931
AT5.0
LM2931AZ-5.0/LFT1
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SN
Level-1-NA-UNLIM
LM293
1AZ-5
LM2931AZ-5.0/LFT3
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
LM293
1AZ-5
LM2931AZ-5.0/LFT4
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
LM293
1AZ-5
LM2931AZ-5.0/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
-40 to 85
LM293
1AZ-5
LM2931CM
ACTIVE
SOIC
D
8
95
TBD
Call TI
Call TI
-40 to 85
LM29
31CM
LM2931CM/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
LM29
31CM
LM2931CMX
ACTIVE
SOIC
D
8
2500
TBD
Call TI
Call TI
-40 to 85
LM29
31CM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com