Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2931CS/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2931CS/NOPB
Description  LM2931-N Series Low Dropout Regulators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2931CS/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM2931CS/NOPB Datasheet HTML 1Page - Texas Instruments LM2931CS/NOPB Datasheet HTML 2Page - Texas Instruments LM2931CS/NOPB Datasheet HTML 3Page - Texas Instruments LM2931CS/NOPB Datasheet HTML 4Page - Texas Instruments LM2931CS/NOPB Datasheet HTML 5Page - Texas Instruments LM2931CS/NOPB Datasheet HTML 6Page - Texas Instruments LM2931CS/NOPB Datasheet HTML 7Page - Texas Instruments LM2931CS/NOPB Datasheet HTML 8Page - Texas Instruments LM2931CS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM2931-N
www.ti.com
SNOSBE5G – MARCH 2000 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS FOR FIXED 3.3V VERSION (continued)
VIN = 14V, IO = 10mA, TJ = 25°C, C2 = 100μF (unless otherwise specified)
(1)
LM2931-N-3.3
Parameter
Conditions
Units
Limit
Typ
(2)
Dropout Voltage
IO = 10mA
0.05
0.2
VMAX
IO = 100mA
0.30
0.6
Maximum Operational Input Voltage
33
26
VMIN
Maximum Line Transient
RL = 500Ω, VO ≤ 5.5V,
70
50
VMIN
T = 1ms,
τ ≤ 100ms
Reverse Polarity Input Voltage, DC
VO ≥ −0.3V, RL = 500Ω
−30
−15
VMIN
Reverse Polarity Input Voltage,
T = 1ms,
τ ≤ 100ms, RL = 500Ω
−80
−50
VMIN
Transient
ELECTRICAL CHARACTERISTICS FOR FIXED 5V VERSION
VIN = 14V, IO = 10mA, TJ = 25°C, C2 = 100 μF (unless otherwise specified)
(1)
LM2931A-5.0
LM2931-N-5.0
Parameter
Conditions
Units
Limit
Limit
Typ
Typ
(2)
(2)
Output Voltage
5
5.19
5
5.25
VMAX
4.81
4.75
VMIN
6.0V
≤ VIN ≤ 26V, IO = 100mA
5.25
5.5
VMAX
−40°C ≤ TJ ≤ 125°C
4.75
4.5
VMIN
Line Regulation
9V
≤ VIN ≤ 16V
2
10
2
10
mVMAX
6V
≤ VIN ≤ 26V
4
30
4
30
Load Regulation
5 mA
≤ IO ≤ 100mA
14
50
14
50
mVMAX
Output Impedance
100mADC and 10mArms,
200
200
m
Ω
100Hz -10kHz
Quiescent Current
IO ≤ 10mA, 6V ≤ VIN ≤ 26V
0.4
1.0
0.4
1.0
mAMAX
−40°C ≤ TJ ≤ 125°C
IO = 100mA, VIN = 14V, TJ = 25°C
15
30
15
mAMAX
Output Noise Voltage
10Hz -100kHz, COUT = 100μF
500
500
μVrms
Long Term Stability
20
20
mV/1000
hr
Ripple Rejection
fO = 120 Hz
80
55
80
dBMIN
Dropout Voltage
IO = 10mA
0.05
0.2
0.05
0.2
VMAX
IO = 100mA
0.3
0.6
0.3
0.6
Maximum Operational Input
33
26
33
26
VMIN
Voltage
Maximum Line Transient
RL = 500Ω, VO ≤ 5.5V,
70
60
70
50
VMIN
T = 1ms,
τ ≤ 100ms
Reverse Polarity Input Voltage,
VO ≥ −0.3V, RL = 500Ω
−30
−15
−30
−15
VMIN
DC
Reverse Polarity Input Voltage,
T = 1ms,
τ ≤ 100ms, RL = 500Ω
−80
−50
−80
−50
VMIN
Transient
(1)
See circuit in Typical Applications. To ensure constant junction temperature, low duty cycle pulse testing is used.
(2)
All limits are specified for TJ = 25°C (standard type face) or over the full operating junction temperature range of −40°C to +125°C (bold
type face).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2931-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com