Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6601-IL/F Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # 71M6601-IL/F
Description  Isolated Sensor ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6601-IL/F Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button 71M6601-IL/F Datasheet HTML 3Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 4Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 5Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 6Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 7Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 8Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 9Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 10Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
71M6xxx Data Sheet
7
Current Shunt
Sensor
Pulse
Transformer
71M654x
71M6xxx
1 kΩ
1 kΩ
1. 0 µF
Load
Voltage
Sensing
8
2
3
4
5
6
7
1
R1
R2
C1
Figure 2: External Components Connected to the 71M6xxx
3.3
Connections to Sensors and to the 71M654x
Figure 3 shows the sensor connections for single-phase meter application using a 71M6541D/F and
71M6x01. This single-phase configuration uses one local shunt and one shunt isolated with a 71M6x01
device. Since the local shunt is connected to the LINE circuit, the meter is also referenced to the LINE
circuit.
Figure 4 shows the sensor connections for a polyphase meter application using a 71M6543F/H or
71M6545/H. This polyphase configuration uses three 71M6xx3 to isolate the shunt sensors for the three
phases, while a locally connected fourth shunt sensor can be optionally used to sense neutral current.
Since the local shunt is connected to the neutral circuit, the meter is also referenced to the neutral circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com