Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6601-IL/F Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # 71M6601-IL/F
Description  Isolated Sensor ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6601-IL/F Datasheet(HTML) 3 Page - Maxim Integrated Products

  71M6601-IL/F Datasheet HTML 1Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 2Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 3Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 4Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 5Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 6Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 7Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 8Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
71M6xxx Data Sheet
3
List of Figures
Figure 1: Block Diagram................................................................................................................................ 4
Figure 2: External Components Connected to the 71M6xxx ........................................................................ 7
Figure 3: Current Sensors Connected to the 71M6541D/F Using One 71M6x01 ........................................ 8
Figure 4: Current Sensors Connected to the 71M6543F/H or 71M6545/H with Three 71M6xx3................. 9
Figure 5: Copper Separation and Signal Traces for a Polyphase PCB...................................................... 10
Figure 6: Wh Error at Room Temperature (71M6203, 100A/0.1A, 60Hz/240V AC)................................... 15
Figure 7: VARh Error at Room Temperature (71M6203, 100A/0.1A, 60Hz/240V AC)............................... 15
Figure 8: SOIC-8 Package Outline ............................................................................................................. 16
Figure 9: Pinout for 8-Pin SO Package....................................................................................................... 17
List of Tables
Table 1: Remote Interface Commands ......................................................................................................... 5
Table 2: Product Variations........................................................................................................................... 6
Table 3: Absolute Maximum Ratings .......................................................................................................... 11
Table 4: Recommended External Components .......................................................................................... 11
Table 5: Recommended Operating Conditions........................................................................................... 11
Table 6: Supply Current Performance Specifications ................................................................................. 12
Table 7: Timing Specifications for Power and Data Pulses ........................................................................ 12
Table 8: VCC Voltage Monitor Specifications ............................................................................................. 12
Table 9: Temperature Sensor Specifications.............................................................................................. 12
Table 10: VREF Performance Specifications.............................................................................................. 13
Table 11: ADC Converter Specifications .................................................................................................... 14
Table 12: Pin Description ............................................................................................................................ 17
Table 13: Product Variations....................................................................................................................... 18
Table 14: Packaging Information, Corresponding CE Codes, and Ordering Numbers .............................. 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com