Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6601-IL/F Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # 71M6601-IL/F
Description  Isolated Sensor ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6601-IL/F Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button 71M6601-IL/F Datasheet HTML 9Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 10Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 11Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 12Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 13Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 14Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 15Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 16Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
71M6xxx Data Sheet
13
4.4.5
VREF Performance Specifications
Table 10 shows the performance specifications for the ADC reference voltage (VREF).
Table 10: VREF Performance Specifications
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Output Voltage
71M6201, 71M6203,
71M6113: TA = +22°C
1.193
1.195
1.197
V
71M6601, 71M6603,
71M6103: TA = +22°C
1.180
1.195
1.210
VREF Output Impedance
ILOAD = 10µA, -10µA
on TMUXOUT
8
k
Ω
VREF Power-Supply Sensitivity:
ΔVREF/ΔVCC
VCC = 2.8V to 3.6V
-1.5
+1.5
mV/V
VCC = 2.5V to 3.6V
-2
+2
VREF Chop Step (Trimmed)
VREF(CROSS = 1) -
VREF(CROSS = 0)
-22
0
+22
mV
VNOM Definition
VNOM(T) = VREF(22) + (T - 22)TC1 + (T - 22)
2TC2
V
71M6201 AND 71M6203 (0.2% ACCURACY CLASS)
VNOM Temperature Coefficients:
TC1, TC2
TC1 = 0.0538 x TRIMT + 1.587(TRIMBGB - TRIMBGD) +
27.279
µV/°C
TC2 = -0.433 - TRIMT x 0.000854
µV/°C2
VREF(T) Deviation from VNOM(T) (Note 1)
62
10
)
(
)
(
)
(
6
T
VNOM
T
VNOM
T
VREF
−
-15
+15
ppm/
°C
71M6113 (0.5% ACCURACY CLASS)
VNOM Temperature Coefficients:
TC1, TC2
TC1 = 251 - TRIMT x 4.60
µV/°C
TC2 = -0.433 - TRIMT x 0.000854
µV/°C2
VREF(T) Deviation from VNOM(T) (Note 1)
62
10
)
(
)
(
)
(
6
T
VNOM
T
VNOM
T
VREF
−
-50
+50
ppm/
°C
71M6601, 71M6603, AND 71M6103 (1% ACCURACY CLASS)
VNOM Temperature Coefficients:
TC1, TC2
TC1 = -34.8
µV/°C
TC2 = -0.599
µV/°C2
VREF(T) Deviation from VNOM(T) (Note 1)
45
10
)
(
)
(
)
(
6
T
VNOM
T
VNOM
T
VREF
−
-100
+100
ppm/
°C
Note 1: Guaranteed by design; not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com