Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1837 Datasheet(PDF) 19 Page - International Rectifier

Part # IP1837
Description  Highly Integrated 35A Single?릋nput Voltage, Synchronous Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1837 Datasheet(HTML) 19 Page - International Rectifier

Back Button IP1837 Datasheet HTML 15Page - International Rectifier IP1837 Datasheet HTML 16Page - International Rectifier IP1837 Datasheet HTML 17Page - International Rectifier IP1837 Datasheet HTML 18Page - International Rectifier IP1837 Datasheet HTML 19Page - International Rectifier IP1837 Datasheet HTML 20Page - International Rectifier IP1837 Datasheet HTML 21Page - International Rectifier IP1837 Datasheet HTML 22Page - International Rectifier IP1837 Datasheet HTML 23Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
iP1837
Highly Integrated 35A Single‐input Voltage,  
Synchronous Buck Regulator 
March 5, 2012  |  V1.26   
19
97600
MINIMUM ON TIME CONSIDERATIONS 
The minimum ON time is the shortest amount of time for 
which the Control FET may be reliably turned on, and this 
depends on the internal timing delays. For the iP1837,  
the minimum on‐time is specified as 50 ns maximum.  
Any design or application using the iP1837 must require a 
pulse width that is at least equal to this minimum on‐time 
and preferably higher than 100 ns. This is necessary for the 
circuit to operate without jitter and pulse‐skipping, which 
can cause high inductor current ripple and high output 
voltage ripple. 
MAXIMUM DUTY RATIO CONSIDERATIONS 
For the iP1837, the upper limit on the operating duty ratio 
is set by the duration of the PWMSet pulse or by the 200 
ns fixed off‐time, whichever is higher. Since the PWMSet 
pulse has a 25% duty cycle, this limits the maximum duty 
ratio at which the iP1837 can operate, to 75%. At switching 
frequencies above 1.25 MHz, however, the maximum duty 
ratio is set by the 200 ns fixed off‐time. Thus, at switching 
frequencies above 1.25 MHz, higher the switching 
frequency, the lower is the maximum duty ratio at which 
the iP1837 can operate. Figure 13 shows a plot of the 
maximum duty ratio v/s the switching frequency, with 200 
ns off‐time. 
66%
67%
68%
69%
70%
71%
72%
73%
74%
75%
76%
250 350 450 550 650 750 850 950 1050 1150 1250 1350 1450 1550 1650
Switching Frequency (kHz)
 
 Figure 13: Maximum duty cycle v/s switching frequency. 
TRAILING EDGE PULSE WIDTH MODULATION 
WITH RAMP‐SLOPE MODULATION 
The iP1837 employs trailing edge Pulse width modulation. 
However, unlike conventional trailing edge modulators, 
which compare the PWM ramp with the output of the 
error amplifier or the Comp voltage, in the modulation 
scheme used in the iP1837, the slope of the PWM ramp  
is modulated by the Comp voltage and this modulated 
ramp is then compared to a fixed reference voltage.  
The advantage of this scheme is that comparison always 
takes place at a fixed reference irrespective of the duty 
cycle of operation. Conventional modulators suffer from 
increased noise susceptibility at the lower duty cycles, 
since the comparison takes place at the Comp voltage level 
which is close to the bottom of the PWM ramp for low 
duty cycle operation. 
Figure 14 shows theoretical waveforms for the PWM ramp 
and the PWM output in response to a changing Comp 
voltage. Figure 15 shows the variation of the modulator 
gain (Fm) with the duty cycle (D). 
 
 Figure 14: Theoretical waveforms for the new PWM scheme 
Modulator Gain = -2E-05D
2 + 0.0156D + 0.4168
0
0.2
0.4
0.6
0.8
1
1.2
1.4
5
10152025303540
455055
D(%)
 
 Figure 15: Modulator gain (Fm) v/s Duty Ratio (D%) 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com