Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1837 Datasheet(PDF) 40 Page - International Rectifier

Part # IP1837
Description  Highly Integrated 35A Single?릋nput Voltage, Synchronous Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1837 Datasheet(HTML) 40 Page - International Rectifier

Back Button IP1837 Datasheet HTML 32Page - International Rectifier IP1837 Datasheet HTML 33Page - International Rectifier IP1837 Datasheet HTML 34Page - International Rectifier IP1837 Datasheet HTML 35Page - International Rectifier IP1837 Datasheet HTML 36Page - International Rectifier IP1837 Datasheet HTML 37Page - International Rectifier IP1837 Datasheet HTML 38Page - International Rectifier IP1837 Datasheet HTML 39Page - International Rectifier IP1837 Datasheet HTML 40Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
iP1837
Highly Integrated 35A Single‐input Voltage,  
Synchronous Buck Regulator 
March 5, 2012  |  V1.26   
40
97600
 
 
0.12 [.005] C
2. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
3. CONTROLLING DIMENSION: MILLIMETERS
1. DIMENSIONING & TOLERANCING PER ASME Y14.5M-1994.
NOTES:
SIDE VIEW
C
PACKAGE BODY.
LAND PAD OPENINGS.
4 LAND PAD OPENINGS.
5 PRIMARY DATUM C (SEATING PLANE) IS DEFINED BY THE
6 BILATERAL TOLERANCE ZONE IS APPLIED TO EACH SIDE OF THE
5
0.15 [.006] C
2X
6
B
A
0.15 [.006] C
2X
6
7. NOT TO SCALE.
1.66 [.065]
14X 0.508 X 0.508
4
CORNER ID
7.650 [0.301]
7.650 [0.301]
BOTTOM VIEW
TOP VIEW
1.35
2.41
3.62
7.32
0.36
1.43
2.49
3.56
4.63
5.69
6.76
0.28
1.21
2.05
3.86
4.71
7.27
 
Figure 41: Mechanical Outline Drawing 
 
 
 
 
 
 
Data and specifications subject to change without notice 3/11. 
This product will be designed and qualified for the Consumer market. 
Qualification Standards can be found on IR’s Web site. 
IR WORLD HEADQUARTERS:
233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
www.irf.com
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com