Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1837 Datasheet(PDF) 24 Page - International Rectifier

Part # IP1837
Description  Highly Integrated 35A Single?릋nput Voltage, Synchronous Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1837 Datasheet(HTML) 24 Page - International Rectifier

Back Button IP1837 Datasheet HTML 20Page - International Rectifier IP1837 Datasheet HTML 21Page - International Rectifier IP1837 Datasheet HTML 22Page - International Rectifier IP1837 Datasheet HTML 23Page - International Rectifier IP1837 Datasheet HTML 24Page - International Rectifier IP1837 Datasheet HTML 25Page - International Rectifier IP1837 Datasheet HTML 26Page - International Rectifier IP1837 Datasheet HTML 27Page - International Rectifier IP1837 Datasheet HTML 28Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
iP1837
Highly Integrated 35A Single‐input Voltage,  
Synchronous Buck Regulator 
March 5, 2012  |  V1.26   
24
97600
By replacing Zin and Zf  according to Figure 19, the transfer 
function can be expressed as: 


(25)
....
)
1
(
*
1
)
(
1
)
1
(
)
(
7
10
3
4
3
4
3
3
4
8
10
8
7
4
3
C
sR
C
C
C
C
sR
C
C
sR
R
R
sC
C
sR
s
H


 
VOSO
VREF
R9
R8
R10
C7
C3
C4
R3
Ve
FZ1
FZ2
FP2
FP3
E/A
Zf
ZIN
Frequency
Gain(dB)
H(s) dB
Fb
Comp
 
Figure 19: Type III Compensation network  
and its asymptotic gain plot 
The compensation network has three poles and two zeros 
and they are expressed as follows: 
(30)
*
*
2
1
)
(
*
*
2
1
(29)
*
*
2
1
(28)
*
*
2
1
*
*
2
1
(27)
*
*
2
1
(26)
0
8
7
10
8
7
2
4
3
1
3
3
3
4
3
4
3
3
7
10
2
1
R
C
R
R
C
F
C
R
F
C
R
C
C
C
C
R
F
C
R
F
F
Z
Z
P
P
P


 
Cross over frequency is expressed as: 
(31)
*
*
2
1
*
*
*
*
*
7
3
o
o
m
in
o
C
L
F
V
C
R
F
 
Based on the frequency of the zero generated by the 
output capacitor and its ESR, relative to crossover 
frequency, the compensation type can be different.  
The table below shows the compensation types for  
relative locations of the crossover frequency. 
Compensator 
Type 
FESR v/s F0 
Output 
Capacitor 
Type II 
FLC < FESR < F0 < FS/2 
Electrolytic 
Tantalum 
Type III 
FLC < F0 < FESR 
Tantalum 
Ceramic 
The higher the crossover frequency, the potentially faster 
the load transient response will be. However, the 
crossover frequency should be low enough to allow 
attenuation of switching noise. Typically, the control loop 
bandwidth or crossover frequency is selected such that: 
s
o
F
F
*
1/10
~
1/5
 
The DC gain should be large enough to provide high  
DC‐regulation accuracy. The phase margin should be 
greater than 45
o for overall stability. 
For this design we have: 
Vin = 12V 
Vo = 1.8V 
β = Vref/Vo=0.333  
Modulator gain = Fm = 0.65, from Figure 15 
Vref = 0.6V 
Lo = 0.215uH 
Co = 15x22uF, ESR = 3mOhm each 
It must be noted here that the value of the capacitance 
used in the compensator design must be the small signal 
value. For instance, the small signal capacitance of the 
22uF capacitor used in this design is 12uF at 1.8V DC bias 
and 600kHz frequency. It is this value that must be used for 
all computations related to the compensation. The small 
signal value may be obtained from the manufacturer’s 
datasheets, design tools or SPICE models. Alternatively, 
they may also be inferred from measuring the power stage 
transfer function of the converter and measuring the 
double pole frequency FLC and using equation (16) to 
compute the small signal Co. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com