Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68331MFC20 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MC68331MFC20
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331MFC20 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MC68331MFC20 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 53Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 54Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 55Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 56Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
MC68331TS/D
53
5.3 QSM Registers
QSM registers are divided into four categories: QSM global registers, QSM pin control registers, QSPI
submodule registers, and SCI submodule registers. The QSPI and SCI registers are defined in separate
sections below. Writes to unimplemented register bits have no meaning or effect, and reads from unim-
plemented bits always return a logic zero value.
The module mapping bit of the SIM configuration register (SIMCR) defines the most significant bit
(ADDR23) of the address, shown in each register figure as Y (Y = $7 or $F). This bit, concatenated with
the rest of the address given, forms the absolute address of each register. Refer to the SIM section of
this technical summary for more information about how the state of MM affects the system.
5.3.1 Global Registers
The QSM global registers contain system parameters used by both the QSPI and the SCI submodules.
These registers contain the bits and fields used to configure the QSM.
The QSMCR contains parameters for the QSM/CPU/intermodule bus (IMB) interface.
STOP — Stop Enable
0 = Normal QSM clock operation
1 = QSM clock operation stopped
STOP places the QSM in a low-power state by disabling the system clock in most parts of the module.
The QSMCR is the only register guaranteed to be readable while STOP is asserted. The QSPI RAM is
not readable. However, writes to RAM or any register are guaranteed to be valid while STOP is assert-
ed. STOP can be negated by the CPU and by reset.
The system software must stop each submodule before asserting STOP to avoid complications at re-
start and to avoid data corruption. The SCI submodule receiver and transmitter should be disabled, and
the operation should be verified for completion before asserting STOP. The QSPI submodule should be
stopped by asserting the HALT bit in SPCR3 and by asserting STOP after the HALTA flag is set.
FRZ1 — Freeze 1
0 = Ignore the FREEZE signal on the IMB
1 = Halt the QSPI (on a transfer boundary)
FRZ1 determines what action is taken by the QSPI when the FREEZE signal of the IMB is asserted.
FREEZE is asserted whenever the CPU enters the background mode.
FRZ0 — Freeze 0
Reserved
Bits [12:8] — Not Implemented
SUPV — Supervisor/Unrestricted
0 = User access
1 = Supervisor access
SUPV defines the assignable QSM registers as either supervisor-only data space or unrestricted data
space.
IARB — Interrupt Arbitration Identification Number
The IARB field is used to arbitrate between simultaneous interrupt requests of the same priority. Each
module that can generate interrupt requests must be assigned a unique, non-zero IARB field value. Re-
fer to 3.8 Interrupts for more information.
QSMCR — QSM Configuration Register
$YFFC00
15
14
13
12
11
10
9
8
7
6
5
4
3
0
STOP
FRZ1
FRZ0
0
0
0
0
0
SUPV
0
0
0
IARB
RESET:
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com