Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68331MFC20 Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # MC68331MFC20
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331MFC20 Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button MC68331MFC20 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 53Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 54Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 55Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 56Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 57Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
54
MC68331TS/D
QTEST — QSM Test Register
$YFFC02
QTEST is used during factory testing of the QSM. Accesses to QTEST must be made while the MCU
is in test mode.
QILR determines the priority level of interrupts requested by the QSM and the vector used when an in-
terrupt is acknowledged.
ILQSPI — Interrupt Level for QSPI
ILQSPI determines the priority of QSPI interrupts. This field must be given a value between $0 (inter-
rupts disabled) to $7 (highest priority).
ILSCI — Interrupt Level of SCI
ILSCI determines the priority of SCI interrupts. This field must be given a value between $0 (interrupts
disabled) to $7 (highest priority).
If ILQSPI and ILSCI are the same nonzero value, and both submodules simultaneously request inter-
rupt service, QSPI has priority.
QIVR determines which two vector numbers in the exception vector table are to be used for QSM inter-
rupts. The seven MSB of a user-defined vector number ($40–$FF) must be written into the INTV field
during initialization. The value of INTV0 is supplied by the QSM when an interrupt service request is
acknowledged.
During an interrupt-acknowledge cycle, INTV[7:1] are driven on DATA[7:1] IMB lines. DATA0 is negated
for an SCI interrupt and asserted for a QSPI interrupt. Writes to INTV0 have no meaning or effect.
Reads of INTV0 return a value of one.
At reset, QIVR is initialized to $0F, which corresponds to the uninitialized interrupt vector in the excep-
tion table.
5.3.2 Pin Control Registers
The QSM uses nine pins, eight of which form a parallel port (PORTQS) on the MCU. Although these
pins are used by the serial subsystems, any pin can alternately be assigned as general-purpose I/O on
a pin-by-pin basis.
Pins used for general-purpose I/O must not be assigned to the QSPI by register PQSPAR. To avoid
driving incorrect data, the first byte to be output must be written before DDRQS is configured. DDRQS
must then be written to determine the direction of data flow and to output the value contained in register
PORTQS. Subsequent data for output is written to PORTQS.
QILR — QSM Interrupt Levels Register
$YFFC04
15
14
13
11
10
8
7
0
0
0
ILQSPI
ILSCI
QIVR
RESET:
0
0
0
0
0
0
0
0
QIVR — QSM Interrupt Vector Register
$YFFC05
15
8
7
0
QILR
INTV
RESET:
0
0
0
0
1
1
1
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com