Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68331MFC20 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC68331MFC20
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331MFC20 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC68331MFC20 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
MC68331TS/D
11
2.5 Signal Function
DSACK[1:0]
SIM
Input
0
DSCLK
CPU32
Input
Serial Clock
DSI
CPU32
Input
(Serial Data)
DSO
CPU32
Output
(Serial Data)
EXTAL
SIM
Input
—
FC[2:0]
SIM
Output
—
FREEZE
SIM
Output
1
HALT
SIM
Input/Output
0
IC[4:1]
GPT
Input
—
IFETCH
CPU32
Output
—
IPIPE
CPU32
Output
—
IRQ[7:1]
SIM
Input
0
MISO
QSM
Input/Output
—
MODCLK
SIM
Input
—
MOSI
QSM
Input/Output
—
OC[5:1]
GPT
Output
—
PAI
GPT
Input
—
PC[6:0]
SIM
Output
(Port)
PCS[3:0]
QSM
Input/Output
—
PE[7:0]
SIM
Input/Output
(Port)
PF[7:0]
SIM
Input/Output
(Port)
PQS[7:0]
QSM
Input/Output
(Port)
PCLK
GPT
Input
—
PWMA, PWMB
GPT
Output
—
QUOT
SIM
Output
—
RESET
SIM
Input/Output
0
RMC
SIM
Output
0
R/W
SIM
Output
1/0
RXD
QSM
Input
—
SCK
QSM
Input/Output
—
SIZ[1:0]
SIM
Output
—
SS
QSM
Input
0
TSC
SIM
Input
—
TXD
QSM
Output
—
XFC
SIM
Input
—
XTAL
SIM
Output
—
Table 6 MCU Signal Function
Signal Name
Mnemonic
Function
Address Bus
ADDR[23:0]
24-bit address bus
Address Strobe
AS
Indicates that a valid address is on the address bus
Autovector
AVEC
Requests an automatic vector during interrupt acknowledge
Bus Error
BERR
Indicates that a bus error has occurred
Bus Grant
BG
Indicates that the MCU has relinquished the bus
Bus Grant Acknowledge
BGACK
Indicates that an external device has assumed bus mastership
Breakpoint
BKPT
Signals a hardware breakpoint to the CPU
Bus Request
BR
Indicates that an external device requires bus mastership
System Clockout
CLKOUT
System clock output
Chip Selects
CS[10:0]
Select external devices at programmed addresses
Table 5 MCU Signal Characteristics (Continued)
Signal Name
MCU Module
Signal Type
Active State
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com