Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFPRM/D Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # CFPRM/D
Description  MCF5206e Integrated ColdFire Microprocessor Product Brief
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

CFPRM/D Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  CFPRM/D Datasheet HTML 1Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 2Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 3Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 4Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 5Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 6Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 7Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 8Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOTOROLA
MCF5206e Integrated ColdFire® Microprocessor Product Brief
3
MCF5206e Overview
— 16 user-visible 32-bit wide registers
— Supervisor and user modes for system protection
— Vector base register to relocate exception-vector table
— Optimized for high level language constructs
— 50 MIPS at 54 MHz
Multiply accumulate
— High speed, complex arithmetic functions for signal processing applications
— Single clock issue rate with 3-stage execution pipeline
— One MAC cycle for 16x16 and 32x32 multiplies, all with 32-bit accumulate
— Four-Kbyte direct-mapped instruction cache
— Eight-Kbyte on-chip SRAM that provides one-cycle access to critical code and data
DRAM controller
— Programmable refresh timer provides CAS before RAS refresh
— Support for 2 separate memory banks
— Support for fast page mode DRAMs and extended-data-out (EDO) DRAMs
— External bus master access
DMA controller
— Two fully programmable channels with external request pins supporting dual-address and
single address transfers with 32-bit capability
— Two address pointers per channel that can increment or remain constant
— 16-bit transfer counter per channel
— Operand packing and unpacking
— Auto-alignment transfers for efficient block movement
— Bursting and cycle stealing
— Two clock-cycle internal access
Two universal synchronous/asynchronous receiver/transmitters (UARTs)
— Full duplex operation
— Baud-rate generator
— Modem control signals (CTS, RTS)
— Processor-interrupt capability
Dual 16-bit general-purpose multimode timers
— 8-bit prescaler
— Timer input and output pins
— 12 ns resolution with 54 MHz system clock
— Processor interrupt capability
Motorola bus (M-Bus) module
— Interchip bus interface for EEPROMs, LCD controllers, A/D converters, keypads
— Compatible with industry-standard I2C bus
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com