Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFPRM/D Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # CFPRM/D
Description  MCF5206e Integrated ColdFire Microprocessor Product Brief
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

CFPRM/D Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  CFPRM/D Datasheet HTML 1Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 2Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 3Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 4Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 5Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 6Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 7Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 8Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
MCF5206e Integrated ColdFire® Microprocessor Product Brief
MOTOROLA
MCF5206e Overview
watchdog timer and several bus monitors. In addition, common system functions such as chip-selects,
interrupt control, bus arbitration and IEEE 1149.1 Test (JTAG) support are included.
A sophisticated debug interface supports both background-debug mode and real-time trace. The interface is
common to all ColdFire-based processors and allows emulator support across the entire ColdFire family.
1.1
MCF5206e Overview
This section gives a brief overview of the MCF5206e processor. Figure 1 is a block diagram of the
MCF5206e processor.
.
Figure 1. MCF5206e Block Diagram
1.1.1
Features List
The following are the primary features of the MCF5206e integrated processor:
ColdFire Version 2 core
— Variable-length RISC
— 32-bit internal address bus with 28-bit external bus; chip select and DRAM decoding use
internal 32 bit
— 32-bit data base
Clock
JTAG
4KByte
ICache
DRAM
Controller
Chip
Interrupt
Controller
External
Bus
Interface
Parallel
Port
DUART
Timers
M-Bus
Module
DMA
Controller
8KByte
SRAM
Debug Module
Coldfire
Core
Selects
Clock
Input
JTAG
Interface
Interface
BOM
DRAM
Control
Chip
Selects
Interrupt
Support
External
Bus
Parallel
Interface
Serial
Interface
Timer
Support
M-Bus
Interface
DMA
Control
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com