Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFPRM/D Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # CFPRM/D
Description  MCF5206e Integrated ColdFire Microprocessor Product Brief
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

CFPRM/D Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  CFPRM/D Datasheet HTML 1Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 2Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 3Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 4Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 5Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 6Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 7Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 8Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MOTOROLA
MCF5206e Integrated ColdFire® Microprocessor Product Brief
5
MCF5206e Overview
1.1.4
Internal SRAM
The 8-Kbyte on-chip SRAM provides one clock-cycle access for the ColdFire core. The SRAM can store
processor stack and critical code or data segments to maximize performance.
1.1.5
DRAM Controller
The MCF5206e DRAM controller provides a glueless interface for up to 2 banks of DRAM, each of which
can range from 128 Kbytes to 256 Mbytes. The controller supports an 8-, 16-, or 32-bit data bus. A unique
addressing schemes allows for increases in system memory size without rerouting address lines and
rewiring boards. The controller operates in fast page or regular mode and supports extended-data-out (EDO)
DRAMs.
1.1.6
MAC Module
The MAC unit provides high performance digital signal processing capabilities for the MCF5206e.
Integrated as an execution unit in the processor’s operand execution pipeline, the MAC unit implements a
three-stage arithmetic pipeline with sustained instruction issue rate of one MAC cycle for 16x16 operations
(while also supporting 32x32 operations). The MAC opcodes provide a full feature set of extensions to the
standard ColdFire instruction set for signed and unsigned operands. In addition to executing the
MAC-specific instructions, this unit also performs all integer multiply opcodes, providing higher
performance for this class of operation.
1.1.7
DMA Controller
The MCF5206e provides two fully programmable DMA channels for quick data transfer (32 bits, with
packing and unpacking supported). Each channel has an external request pin associated with it. Single and
dual address mode is supported with the ability for program bursting and cycle stealing. With
auto-alignment enabled, efficient block transfers of up to 128 bits can be achieved.
1.1.8
Dual UART Modules
The UART modules contain independent receivers and transmitters that are clocked by the UART internal
timer. This timer is clocked by the system clock or an external clock supplied by the TIN pin. Data formats
can be 5, 6, 7 or 8 bits with even, odd, or no parity, and as many as two stop bits in 1/16 increments.
Four-byte receive buffers and 2-byte transmit buffers minimize CPU service calls. The UART modules also
provide
several
error-detection
and
maskable-interrupt
capabilities.
Modem
support
includes
request-to-send (RTS) and clear-to-send (CTS) signals.
The system clock provides the clocking function via a programmable prescaler. Select full duplex, autoecho
loopback, local loopback, and remote loopback modes. The programmable UARTs can interrupt the CPU
on various normal or error condition events.
1.1.9
Dual Timer Module
The timer module includes two general-purpose timers, each of which contains a free-running 16-bit timer
for use in any of the three modes. One mode captures the timer value with an external event; another mode
triggers an external signal or interrupts the CPU when the timer reaches a set value, while a third mode
counts external events. The timer unit has an 8-bit prescaler that allows programming of the clock input
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com