Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5534MVM80 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC5534MVM80
Description  MPC5534 Microcontroller Data Sheet
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5534MVM80 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC5534MVM80 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
MPC5534 Microcontroller Data Sheet, Rev. 6
Revision History for the MPC5534 Data Sheet
Freescale Semiconductor
52
5
Revision History for the MPC5534 Data Sheet
The history of revisions made to this data sheet are described in this section. The changes are divided into
each revision of this document.
The substantive changes incorporated in MPC5534 Data Sheet revision 4.0 to produce revision 5.0 are:
•
Text changes
•
Table and figure changes
Within each group, the changes are listed in sequential page number order.
5.1
Changes Between Revisions 5.0 and 6.0
5.2
Changes Between Revisions 4.0 and 5.0
The following table lists the substantive text changes made to paragraphs.
Location
Description of Changes
Section 3.7,
“Power-Up/Down
Sequencing
Added the following paragraph in Section 3.7, “Power-Up/Down Sequencing.
During initial power ramp-up, when vstby is 0.6v or above. a typical current of 1-3mA and maximum of
4mA may be seen until VDD is applied. This current will not reoccur until Vstby is lowered below Vstby
min specification.
Moved Figure 2“ISTBY Worst-case Specifications” to Section 3.7, “Power-Up/Down Sequencing
Table 28. Text Changes Between Rev. 4.0 and 5.0
Location
Description of Changes
Title page:
Changed the Revision number from 4.0 to 5.0. Changed the date format to DD MMM YYYY. Made the same
changes in the lower left corner of the back page.
Section 3.2.1, “General Notes for Specifications at Maximum Junction Temperature
Updated the address of Semiconductor Equipment and Materials International
3081 Zanker Rd.
San Jose, CA., 95134
(408) 943-6900
Table 16 on page 24
Added footnote 9: For frequencies up to and including 80 MHz, if VDD is within ±5% of 1.5 V, then
APC = RWSC = 0b010 is a valid setting.
4 Mechanicals:
Added the following NOTE before the 208 and 324 BGA Maps:
NOTE
The MPC5500 devices are pin compatible for software portability and use the primary
function names to label the pins in the BGA diagram. Although some devices do not support
all the primary functions shown in the BGA diagram, the muxed and GPIO signals on those
pins remain available. See the signals chapter in the device reference manual for the signal
muxing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com