Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5534MVM80 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MPC5534MVM80
Description  MPC5534 Microcontroller Data Sheet
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5534MVM80 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MPC5534MVM80 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
Revision History for the MPC5534 Data Sheet
MPC5534 Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
55
Table 4, EMI Testing Specifications: Changed the maximum operating frequency from 82 to fMAX.
Table 6, VCR/POR Electrical Specifications:
• Added footnote 1 to specs 1, 2, and 3 that reads: On power up, assert RESET before VPOR15, VPOR33, and VPOR5
negate (internal POR). RESET must remain asserted until the power supplies are within the operating conditions
as specified in Table 9 DC Electrical Specifications. On power down, assert RESET before any power supplies
fall outside the operating conditions and until the internal POR asserts.
• Subscript all symbol names that appear after the first underscore character.
• Removed ‘Tj ‘ after ‘150 C’ in Spec 10, Characteristic column:
• Added footnote 1 to specs 1, 2, and 3 that reads: On power up, assert RESET before VPOR15, VPOR33, and VPOR5
negate (internal POR). RESET must remain asserted until the power supplies are within the operating conditions
as specified in Table 9 DC Electrical Specifications. On power down, assert RESET before any power supplies
fall outside the operating conditions and until the internal POR asserts.
• Added to Spec 2:
3.3 V (VDDSYN) POR negated (ramp down)
Min 0.0
Max 0.30
V
3.3 V (VDDSYN) POR asserted (ramp up)
Min 0.0
Max 0.30
V
• Spec 3: Added new footnote 3 for both lines: ‘It is possible to reach the current limit during ramp up--do not treat
this event as a short circuit current.’
• Spec 5: Changed old Footnote 1 (now footnote 2): ‘User must be able to supply full operating current for the 1.5 V
supply when the 3.3 V supply reaches this range.” to ‘Supply full operating current for the 1.5 V supply when the
3.3 V supply reaches this range.”
• Specs 7 and 10: added ‘at Tj ‘ at the end of the first line in the second column: Characteristic.
• Spec 10:
• Added cross-reference to footnote 6: ‘IVRCCTL is measured at the following conditions: VDD = 1.35 V,
VRC33 = 3.1 V, VVRCCTL = 2.2 V.’ Changed ‘(@ VDD = 1.35 V, fsys = fMAX)‘ to ‘(@ fsys = fMAX).
• Added old footnote 5 new footnote 6.
• Added a new footnote 7, ‘Refer to Table 1 for the maximum operating frequency.’
• Rewrote old footnote 8 (new footnote 9) to: Represents the worst-case external transistor BETA. It is measured
on a per part basis and calculated as (IDD  IVRCCTL).
• Deleted footnote 9 Preliminary value, Final specification pending characterization.
Table 7, Power Sequence Pin Status for Fast Pads: Changed title to Pin Status for Fast Pads During the Power Sequence
Table 8, Power Sequence Pin Status for Medium/Slow Pads:
• Changed title to Pin Status for Medium and Slow Pads During the Power Sequence
• Updated preceding paragraph.
Table 9, DC Electrical Specifications:
• Spelled out meaning of the slash ‘/’ as ‘and’. Still confusing. Deleted ‘I/O’ from the specs to improve clarity.
• Added footnote that reads: VDDE2 and VDDE3 are limited to 2.25–3.6 V only if EBTS = 0; VDDE2 and VDDE3 have
a range of 1.6–3.6 V if EBTS =1.
• Spec 20, column 2, Characteristics,’ Slow and medium output high voltage (IOH_S = –2.0 mA):’
Created a left-justified second line and moved ‘IOH_S = –2.0 mA’ from the 1st line to the second line and deleted
the parentheses. Created a left-justified third line that reads ‘IOH_S = –1.0 mA.’
• Spec 20, column 4, Min: Added a blank line before and after ‘0.80
 V
DDEH’ and put ‘0.85  VDDEH’ on the last line.
• Spec 22, column 2, ’Slow and medium output low voltage (IOL_S = 2.0 mA):’ Created a left-justified second line
and moved ‘IOL_S = 2.0 mA.’ from the 1st line to the second line and deleted the parentheses. Created a
left-justified third line that reads ‘IOL_S = 1.0 mA.’
• Spec 22, column 5, Max: Added a blank line before and after ‘0.20
 V
DDEH’ and put ‘0.15  VDDEH’ on the last
line.
• Spec 26: Changed ‘AN[12]_MA[1]_SDO’ to ‘AN[13]_MA[1]_SDO’.
• Spec 28: Changed 82 MHz to fMAX MHz.
• Footnote 9: Changed from ‘Preliminary. Final specification pending characterization.’ to ‘ shows an illustration of
the IDD_STBY values interpolated for these temperature values.’
Table 30. Table and Figure Changes Between Rev. 3.0 and 4.0 (continued)
Location
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com