Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR751 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MR751
Description  HIGH CURRENT LEAD MOUNTED SILICON RECTIFIERS 50-1000 VOLTS DIFFUSED JUNCTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MR751 Datasheet(HTML) 4 Page - Motorola, Inc

  MR751 Datasheet HTML 1Page - Motorola, Inc MR751 Datasheet HTML 2Page - Motorola, Inc MR751 Datasheet HTML 3Page - Motorola, Inc MR751 Datasheet HTML 4Page - Motorola, Inc MR751 Datasheet HTML 5Page - Motorola, Inc MR751 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MR750 MR751 MR752 MR754 MR756 MR758 MR760
4
Rectifier Device Data
Figure 9. Rectification Efficiency
Figure 10. Reverse Recovery Time
REPETITION FREQUENCY (kHz)
2.0
1.0
100
50
30
20
70
3.0
5.0
100
70
7.0 10
20
30
50
TJ = 25°C
CURRENT INPUT WAVEFORM
IR/IF, RATIO OF REVERSE TO FORWARD CURRENT
0.2
0.1
20
7.0
5.0
2.0
1.0
7.0
0.3
0.5
10
3.0
10
0.7 1.0
2.0
3.0
5.0
TJ = 25°C
IF = 5 A
3 A
1 A
IF
0
IR
trr
Figure 11. Junction Capacitance
Figure 12. Forward Recovery Time
VR, REVERSE VOLTAGE (VOLTS)
1.0
3.0
500
300
200
100
70
50
2.0
10
20
100
7.0
5.0
50
30
TJ = 25°C
1.0
IF, FORWARD PULSE CURRENT (AMP)
0.7
0.5
0.3
0.2
0.1
2.0
5.0
3.0
1.0
7.0
10
ufr = 1.0 V
TJ = 25°C
ufr
uf
tfr
TJ = 175°C
30
700
1000
30
20
10
70
ufr = 2.0 V
RS
RL
VO
Figure 13. Single–Phase Half–Wave
Rectifier Circuit
The rectification efficiency factor
σ shown in Figure 9 was
calculated using the formula:
σ +
P(dc)
P(rms)
+
V2o(dc)
R
L
V2o(rms)
RL
.100%
+
V2o(dc)
V2o(ac)
) V2o(dc)
.100%
(1)
For a sine wave input Vm sin (wt) to the diode, assumed
lossless, the maximum theoretical efficiency factor becomes:
σ
(sine) +
V2m
p2RL
V2m
4RL
.100% + 4
π2
.100%
+ 40.6%
(2)
For a square wave input of amplitude Vm, the efficiency
factor becomes:
σ
(square) +
V2m
2RL
V2m
RL
.100% + 50%
(3)
(A full wave circuit has twice these efficiencies)
As the frequency of the input signal is increased, the re-
verse recovery time of the diode (Figure 10) becomes signifi-
cant, resulting in an increasing ac voltage component across
RL which is opposite in polarity to the forward current, there-
by reducing the value of the efficiency factor
σ, as shown on
Figure 9.
It should be emphasized that Figure 9 shows waveform ef-
ficiency only; it does not provide a measure of diode losses.
Data was obtained by measuring the ac component of Vo
with a true rms ac voltmeter and the dc component with a dc
voltmeter. The data was used in Equation 1 to obtain points
for Figure 9.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com