Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR751 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MR751
Description  HIGH CURRENT LEAD MOUNTED SILICON RECTIFIERS 50-1000 VOLTS DIFFUSED JUNCTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MR751 Datasheet(HTML) 2 Page - Motorola, Inc

  MR751 Datasheet HTML 1Page - Motorola, Inc MR751 Datasheet HTML 2Page - Motorola, Inc MR751 Datasheet HTML 3Page - Motorola, Inc MR751 Datasheet HTML 4Page - Motorola, Inc MR751 Datasheet HTML 5Page - Motorola, Inc MR751 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MR750 MR751 MR752 MR754 MR756 MR758 MR760
2
Rectifier Device Data
Figure 1. Forward Voltage
Figure 2. Maximum Surge Capability
Figure 3. Forward Voltage Temperature Coefficient
Figure 4. Typical Transient Thermal Resistance
1.8
2.4
0.6
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
700
500
20
50
10
5.0
2.0
1.0
1.2
0.8
1.0
1.4
1.6
2.0
2.2
2.6
7.0
100
70
0.2
0.5
0.7
200
30
3.0
0.3
300
MAXIMUM
TYPICAL
TJ = 25°C
NUMBER OF CYCLES AT 60 Hz
100
1.0
300
100
80
60
2.0
5.0
10
20
50
200
400
600
TJ = 175°C
25
°C
VRRM MAY BE APPLIED BETWEEN
EACH CYCLE OF SURGE. THE TJ
NOTED IS TJ PRIOR TO SURGE
iF, INSTANTANEOUS FORWARD CURRENT (AMP)
1.0
0.2
+0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
10
20
100
200
0.5
5.0
50
TYPICAL RANGE
t, TIME (SECONDS)
1.0
10
1.0
0.2
2.0
5.0
10
20
50
5.0
20
3.0
2.0
0.5
0.3
0.1
0.2
0.3
0.5
0.7
3.0
30
7.0
70
Both leads to heat sink, with lengths as shown. Variations in RqJL(t)
below 2.0 seconds are independent of lead connections of 1/8 inch
or greater, and vary only about
±20% from the values shown. Values
for times greater than 2.0 seconds may be obtained by drawing a
curve, with the end point (at 70 seconds) taken from Figure 8, or
calculated from the notes, using the given curves as a guide. Either
typical or maximum values may be used. For RqJL(t) values at pulse
widths less than 0.1 second, the above curve can be extrapolated
down to 10
µs at a continuing slope.
175
°C
25
°C
1/2”
3/8”
1/4”
1/8”
HEAT SINK
L
L



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com