Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR751 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MR751
Description  HIGH CURRENT LEAD MOUNTED SILICON RECTIFIERS 50-1000 VOLTS DIFFUSED JUNCTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MR751 Datasheet(HTML) 3 Page - Motorola, Inc

  MR751 Datasheet HTML 1Page - Motorola, Inc MR751 Datasheet HTML 2Page - Motorola, Inc MR751 Datasheet HTML 3Page - Motorola, Inc MR751 Datasheet HTML 4Page - Motorola, Inc MR751 Datasheet HTML 5Page - Motorola, Inc MR751 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MR750 MR751 MR752 MR754 MR756 MR758 MR760
3
Rectifier Device Data
Figure 5. Maximum Current Ratings
TL, LEAD TEMPERATURE (°C)
0
8.0
0
12
20
28
40
80
120
160
200
Figure 6. Maximum Current Ratings
0
8.0
4.0
0
16
24
32
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 7. Power Dissipation
5/8”
CAPACITANCE LOADS
8.0
12
16
RESISTIVE INDUCTIVE
LOADS
TA, AMBIENT TEMPERATURE (°C)
0
1.0
0
2.0
3.0
4.0
40
80
120
160
200
Figure 8. Steady State Thermal Resistance
f = 60 Hz
RESISTIVE INDUCTIVE LOADS
CAPACITANCE LOADS – 1
F & 3F
20
6
F
1
F & 3F
20 Iavg
TA(A)
TA(K)
TL(A)
TC(A)
TJ
TC(K)
TL(K)
PF
R
θS(A)
R
θL(A)
R
θJ(A)
R
θJ(K)
R
θL(K)
R
θS(K)
Use of the above model permits junction to lead thermal resistance for
any mounting configuration to be found. Lowest values occur when one
side of the rectifier is brought as close as possible to the heat sink as
shown below. Terms in the model signify:
TA = Ambient Temperature
TC = Case Temperature
TL = Lead Temperature
TJ = Junction Temperature
RqS = Thermal Resistance, Heat Sink to Ambient
RqL = Thermal Resistance, Lead to Heat Sink
RqJ = Thermal Resistance, Junction to Case
PF = Power Dissipation
(Subscripts A and K refer to anode and cathode sides, respectively.)
Values for thermal resistance components are:
RqL = 40°C/W/in. Typically and 44°C/W/in Maximum.
RqJ = 2°C/W typically and 4°C/W Maximum.
Since RqJ is so low, measurements of the case temperature, TC, will be
approximately equal to junction temperature in practical lead mounted
applications. When used as a 60 Hz rectifierm the slow thermal response
holds TJ(PK) close to TJ(AVG). Therefore maximum lead temperature may
be found from: TL = 175°–R
θJL PF. PF may be found from Figure 7.
The recommended method of mounting to a P.C. board is shown on the
sketch, where R
θJA is approximately 25°C/W for a 1–1/2” x 1–1/2” copper
surface area. Values of 40
°C/W are typical for mounting to terminal strips
or P.C. boards where available surface area is small.
Board Ground Plane
Recommended mounting for half wave circuit
24
28
32
0
1/4
5.0
0
1/2
3/4
1.0
L, LEAD LENGTH (INCHES)
SINGLE LEAD TO HEAT SINK,
INSIGNIFICANT HEAT FLOW
THROUGH OTHER LEAD
10
15
20
25
30
35
40
24
16
4.0
20
60
100
140
180
4.0
12
20
28
1/8
3/8
5/8
7/8
BOTH LEADS TO HEAT
SINK WITH LENGTHS
AS SHOWN
3/8”
1/4”
L = 1/8”
20
60
100
140
180
5.0
6.0
7.0
I(pk) = 5 Iavg
I(pk) = 10 Iavg
I(pk) = 20 Iavg
10 Iavg
I(pk) = 5 Iavg
RESISTIVE – INDUCTIVE LOADS
BOTH LEADS TO HEAT
SINK, EQUAL LENGTH
6
F (IPK/IAVE = 6.28)
SEE NOTE
R
θJA = 40°C/W
SEE NOTE
R
θJA = 25°C/W
NOTES
THERMAL CIRCUIT MODEL
(For Heat Conduction Through The Leads)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com