Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62590DRVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62590DRVT
Description  1-A Step Down Converter in 2 x 2 QFN Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62590DRVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS62590DRVT Datasheet HTML 1Page - Texas Instruments TPS62590DRVT Datasheet HTML 2Page - Texas Instruments TPS62590DRVT Datasheet HTML 3Page - Texas Instruments TPS62590DRVT Datasheet HTML 4Page - Texas Instruments TPS62590DRVT Datasheet HTML 5Page - Texas Instruments TPS62590DRVT Datasheet HTML 6Page - Texas Instruments TPS62590DRVT Datasheet HTML 7Page - Texas Instruments TPS62590DRVT Datasheet HTML 8Page - Texas Instruments TPS62590DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DRV PACKAGE
(TOPVIEW)
MODE
FB
GND
SW
EN
VIN
1
2
3
6
5
4
r
Po
w
e
P
A
D
Zero-Pole
AMP.
Integrator
Error Amp
PFMComp
PWM
Comp .
VREF
Control
Stage
GateDriver
Anti
Shoot-Through
Current
LimitComparator
Current
LimitComparator
VREF
FB
VIN
GND
MODE
SW
EN
VIN
Softstart
VOUT RAMP
CONTROL
Thermal
Shutdown
Reference
0.6VVREF
Undervoltage
Lockout1.8V
HighSide
LowSide
Sawtooth
Generator
FB
MODE
GND
2.25MHz
Oscillator
TPS62590
SLVS897B
– JANUARY 2009 – REVISED APRIL 2011
www.ti.com
PIN ASSIGNMENTS
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
VIN
5
PWR
VIN power supply pin.
GND
6
PWR
GND supply pin
This is the enable pin of the device. Pulling this pin to low forces the device into shutdown mode.
EN
4
I
Pulling this pin to high enables the device. This pin must be terminated.
This is the switch pin and is connected to the internal MOSFET switches. Connect the external
SW
1
OUT
inductor between this terminal and the output capacitor.
Feedback Pin for the internal regulation loop. Connect the external resistor divider to this pin. In
FB
3
I
case of fixed output voltage option, connect this pin directly to the output capacitor
MODE pin = high forces the device to operate in fixed-frequency PWM mode. Mode pin = low
MODE
2
I
enables the Power Save Mode with automatic transition from PFM mode to fixed-frequency PWM
mode.
PwPd
Must be soldered to achieve appropriate power dissipation. Should be connected to GND.
( PowerPAD
™)
FUNCTIONAL BLOCK DIAGRAM
4
Copyright
© 2009–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com