Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62590DRVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62590DRVT
Description  1-A Step Down Converter in 2 x 2 QFN Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62590DRVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62590DRVT Datasheet HTML 9Page - Texas Instruments TPS62590DRVT Datasheet HTML 10Page - Texas Instruments TPS62590DRVT Datasheet HTML 11Page - Texas Instruments TPS62590DRVT Datasheet HTML 12Page - Texas Instruments TPS62590DRVT Datasheet HTML 13Page - Texas Instruments TPS62590DRVT Datasheet HTML 14Page - Texas Instruments TPS62590DRVT Datasheet HTML 15Page - Texas Instruments TPS62590DRVT Datasheet HTML 16Page - Texas Instruments TPS62590DRVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TPS62590
www.ti.com
SLVS897B
– JANUARY 2009 – REVISED APRIL 2011
ENABLE
The device is enabled setting EN pin to high. During the start up time tStart Up the internal circuits are settled.
Afterwards, the device activates the soft start circuit. The EN input can be used to control power sequencing in a
system with various dc/dc converters. The EN pin can be connected to the output of another converter, to drive
the EN pin high and getting a sequencing of supply rails. With EN = GND, the device enters shutdown mode. In
this mode, all circuits are disabled. In fixed output voltage versions, the internal resistor divider network is
disconnected from FB pin.
SOFT START
The TPS62590 has an internal soft start circuit that controls the ramp up of the output voltage. The output
voltage ramps up from 5% to 95% of its nominal value within typical 250
μs. This limits the inrush current in the
converter during ramp up and prevents possible input voltage drops when a battery or high impedance power
source is used. The soft start circuit is enabled within the start up time tStart Up.
SHORT-CIRCUIT PROTECTION
The High-Side and Low-Side MOSFET switches are short-circuit protected with maximum switch current = ILIMF.
The current in the switches is monitored by current limit comparators. Once the current in the High-Side
MOSFET switch exceeds the threshold of its current limit comparator, it turns off and the Low-Side MOSFET
switch is activated to ramp down the current in the inductor and High-Side MOSFET switch. The High-Side
MOSFET switch can only turn on again, once the current in the Low-Side MOSFET switch has decreased below
the threshold of its current limit comparator.
THERMAL SHUTDOWN
As soon as the junction temperature TJ exceeds 140°C (typical) the device goes into thermal shutdown. In this
mode, the High-Side and Low-Side MOSFETs are turned-off. The device continues its operation when the
junction temperature falls below the thermal shutdown hysteresis.
Copyright
© 2009–2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com