Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62590DRVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62590DRVT
Description  1-A Step Down Converter in 2 x 2 QFN Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62590DRVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS62590DRVT Datasheet HTML 1Page - Texas Instruments TPS62590DRVT Datasheet HTML 2Page - Texas Instruments TPS62590DRVT Datasheet HTML 3Page - Texas Instruments TPS62590DRVT Datasheet HTML 4Page - Texas Instruments TPS62590DRVT Datasheet HTML 5Page - Texas Instruments TPS62590DRVT Datasheet HTML 6Page - Texas Instruments TPS62590DRVT Datasheet HTML 7Page - Texas Instruments TPS62590DRVT Datasheet HTML 8Page - Texas Instruments TPS62590DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
I - Output Current - A
O
V = 5 V
I
V = 4.2 V
I
V = 3.8 V
I
V
= 3.3 V,
MODE = GND,
OUT
VIN
GND
EN
FB
SW
TPS62590DRV
VOUT
MODE
L
2.2 H
m
C
OUT
10mF
C1
22pF
R1
R2
C
IN
10mF
PwrPAD
0.75 V to V
IN
V
I N
2.5 V to 5.5 V
5
4
2
1
3
6
Typical Application
TPS62590
www.ti.com
SLVS897B
– JANUARY 2009 – REVISED APRIL 2011
1-A Step Down Converter in 2 x 2 QFN Package
Check for Samples: TPS62590
1
FEATURES
DESCRIPTION
The
TPS62590
device
is
a
high
efficiency
2
•
Output Current up to 1000 mA
synchronous step down converter, optimized for
•
Input Voltage Range from 2.5 V to 5.5 V
battery powered portable applications. It provides up
•
Output Voltage Accuracy in PWM mode
±2.5%
to 1000-mA output current from batteries, such as
single Li-Ion or other common chemistry AA and AAA
•
Typ. 15-
μA Quiescent Current
cells.
•
100% Duty Cycle for Lowest Dropout
With an input voltage range of 2.5 V to 5.5 V, the
•
Available in a 2
× 2 × 0.8 mm QFN Package
device is targeted to power a large variety of portable
•
For Improved Features Set, See TPS62290
handheld equipment or POL applications.
The TPS62590 family operates at 2.25-MHz fixed
APPLICATIONS
switching frequency and enters a Power Save Mode
•
Portable Handheld
operation at light load currents to maintain a high
•
WLAN
efficiency over the entire load current range.
•
Low Power DSP Supply
The Power Save Mode is optimized for low output
voltage ripple. For low noise applications, the device
•
POL
can be forced into fixed frequency PWM mode by
pulling the MODE pin high. In the shutdown mode the
current consumption is reduced to less than 1
µA.
The TPS62590 allows the use of small inductors and
capacitors to achieve a small solution size.
The TPS62590 is available in a 2-mm
× 2-mm 6-pin
QFN package.
Empty para
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62590DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62590DRVT TI1-TPS62590DRVT Datasheet
1Mb / 26P
1-A Step Down Converter
TPS62590DRVT TI1-TPS62590DRVT Datasheet
1Mb / 26P
1-A Step Down Converter in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS62590DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62290 TI-TPS62290 Datasheet
755Kb / 23P
1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290_08 Datasheet
986Kb / 24P
1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290_1 Datasheet
986Kb / 25P
1-A Step Down Converter in 2 x 2 SON Package
TPS62290-Q1 TI1-TPS62290-Q1 Datasheet
995Kb / 25P
1-A Step Down Converter in 2 x 2 SON Package
TPS62590 TI1-TPS62590 Datasheet
637Kb / 24P
1-A Step Down Converter in 2 x 2 QFN Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62590DRVR TI-TPS62590DRVR Datasheet
583Kb / 24P
1-A Step Down Converter in 2 x 2 QFN Package
TPS62290 TI-TPS62290_15 Datasheet
1Mb / 27P
TPS6229x 1-A Step Down Converter in 2 x 2 DRV Package
TPS62290 TI1-TPS62290_16 Datasheet
1Mb / 27P
1-A Step Down Converter in 2 x 2 DRV Package
TPS62290 TI1-TPS62290_17 Datasheet
1Mb / 27P
1-A Step Down Converter in 2 x 2 DRV Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com