Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG6002EB115 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEG6002EB115
Description  Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifiers with an integrated guard ring for stress protection, encapsulated in ultra small and flat lead Surface-Mounted Device (SMD) plastic packages
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG6002EB115 Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEG6002EB115 Datasheet HTML 1Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 2Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 3Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 4Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 5Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 6Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 7Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 8Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PMEG6002EB_PMEG6002TV_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 24 November 2006
2 of 10
NXP Semiconductors
PMEG6002EB; PMEG6002TV
0.2 A very low VF MEGA Schottky barrier rectifiers
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
SOD523
1
cathode
[1]
2
anode
SOT666
1
anode (diode 1)
2
not connected
3
cathode (diode 2)
4
anode (diode 2)
5
not connected
6
cathode (diode 1)
2
1
sym001
12
12
3
4
5
6
006aaa440
65
4
12
3
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PMEG6002EB
SC-79
plastic surface-mounted package; 2 leads
SOD523
PMEG6002TV
-
plastic surface-mounted package; 6 leads
SOT666
Table 5.
Marking codes
Type number
Marking code
PMEG6002EB
B2
PMEG6002TV
1B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com