Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG6002EB115 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMEG6002EB115
Description  Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifiers with an integrated guard ring for stress protection, encapsulated in ultra small and flat lead Surface-Mounted Device (SMD) plastic packages
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG6002EB115 Datasheet(HTML) 5 Page - NXP Semiconductors

  PMEG6002EB115 Datasheet HTML 1Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 2Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 3Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 4Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 5Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 6Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 7Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 8Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PMEG6002EB_PMEG6002TV_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 24 November 2006
5 of 10
NXP Semiconductors
PMEG6002EB; PMEG6002TV
0.2 A very low VF MEGA Schottky barrier rectifiers
(1) Tamb = 150 °C
(2) Tamb = 125 °C
(3) Tamb =85 °C
(4) Tamb =25 °C
(5) Tamb = −40 °C
(1) Tamb = 150 °C
(2) Tamb = 125 °C
(3) Tamb =85 °C
(4) Tamb =25 °C
(5) Tamb = −40 °C
Fig 1.
Forward current as a function of forward
voltage; typical values
Fig 2.
Reverse current as a function of reverse
voltage; typical values
f = 1 MHz; Tamb =25 °C
Fig 3.
Diode capacitance as a function of reverse voltage; typical values
006aaa765
1
10
102
103
IF
(mA)
10−1
VF (V)
0
1.0
0.8
0.4
0.6
0.2
(1)
(2)
(3)
(4)
(5)
006aaa766
105
IR
(
µA)
10−3
10−2
10−1
1
10
102
103
104
VR (V)
060
40
20
(1)
(2)
(3)
(4)
(5)
VR (V)
060
40
20
006aaa767
10
20
30
Cd
(pF)
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com