Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303DLHC Datasheet(PDF) 20 Page - STMicroelectronics

Part # LSM303DLHC
Description  Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHC Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LSM303DLHC Datasheet HTML 16Page - STMicroelectronics LSM303DLHC Datasheet HTML 17Page - STMicroelectronics LSM303DLHC Datasheet HTML 18Page - STMicroelectronics LSM303DLHC Datasheet HTML 19Page - STMicroelectronics LSM303DLHC Datasheet HTML 20Page - STMicroelectronics LSM303DLHC Datasheet HTML 21Page - STMicroelectronics LSM303DLHC Datasheet HTML 22Page - STMicroelectronics LSM303DLHC Datasheet HTML 23Page - STMicroelectronics LSM303DLHC Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Digital interfaces
LSM303DLHC
20/42
Doc ID 018771 Rev 1
5.1.2
Linear acceleration digital interface
For linear acceleration the default (factory) 7-bit slave address is 0011001b.
The slave address is completed with a Read/Write bit. If the bit is ‘1’ (read), a repeated
START (SR) condition must be issued after the two sub-address bytes; if the bit is ‘0’ (write)
the master transmits to the slave with the direction unchanged.
Table 14 explains how the
ead/write bit pattern is composed, listing all the possible configurations.
In order to read multiple bytes, it is necessary to assert the most significant bit of the sub-
address field. In other words, SUB(7) must be equal to 1 while SUB(6-0) represents the
address of the first register to be read.
In the presented communication format, MAK is master acknowledge and NMAK is no
master acknowledge.
Table 14.
SAD+Read/Write patterns
Command
SAD[7:1]
R/W
SAD+R/W
Read
0011001
1
00110011 (33h)
Write
0011001
0
00110010 (32h)
Table 15.
Transfer when master is receiving (reading) multiple bytes of data from slave
Master
ST
SAD
+W
SUB
SR
SAD
+R
MAK
MAK
NMAK
SP
Slave
SAK
SAK
SAK
DATA
DATA
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com