Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303DLHC Datasheet(PDF) 37 Page - STMicroelectronics

Part # LSM303DLHC
Description  Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHC Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LSM303DLHC Datasheet HTML 33Page - STMicroelectronics LSM303DLHC Datasheet HTML 34Page - STMicroelectronics LSM303DLHC Datasheet HTML 35Page - STMicroelectronics LSM303DLHC Datasheet HTML 36Page - STMicroelectronics LSM303DLHC Datasheet HTML 37Page - STMicroelectronics LSM303DLHC Datasheet HTML 38Page - STMicroelectronics LSM303DLHC Datasheet HTML 39Page - STMicroelectronics LSM303DLHC Datasheet HTML 40Page - STMicroelectronics LSM303DLHC Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
LSM303DLHC
Register description
Doc ID 018771 Rev 1
37/42
7.2.2
CRB_REG_M (01h)
7.2.3
MR_REG_M (02h)
11
0
75
11
1
220
Table 72.
Data rate configurations (continued)
DO2
DO1
DO0
Minimum data output rate (Hz)
Table 73.
CRA_REG register
GN2
GN1
GN0
0(1)
1.
This bit must be set to ‘0’ for correct working of the device.
0(1)
0(1)
0(1)
0(1)
Table 74.
CRA_REG description
GN1-0
Gain configuration bits. The gain configuration is common for all channels (refer to
Table 75)
Table 75.
Gain setting
GN2
GN1
GN0
Sensor input
field range
[Gauss]
Gain X, Y, and
Z
[LSB/Gauss]
Gain Z
[LSB/Gauss]
Output range
001
±1.3
1100
980
0xF800–0x07FF
(-2048–2047)
0
1
0
±1.9
855
760
0
1
1
±2.5
670
600
1
0
0
±4.0
450
400
1
0
1
±4.7
400
355
1
1
0
±5.6
330
295
1
1
1
±8.1
230
205
Table 76.
MR_REG
0(1)
1.
This bit must be set to ‘0’ for correct working of the device.
0(1)
0(1)
0(1)
0(1)
0(1)
MD1
MD0
Table 77.
MR_REG description
MD1-0
Mode select bits. These bits select the operation mode of this device (refer to
Table 78)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com