Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303DLHC Datasheet(PDF) 25 Page - STMicroelectronics

Part # LSM303DLHC
Description  Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHC Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LSM303DLHC Datasheet HTML 21Page - STMicroelectronics LSM303DLHC Datasheet HTML 22Page - STMicroelectronics LSM303DLHC Datasheet HTML 23Page - STMicroelectronics LSM303DLHC Datasheet HTML 24Page - STMicroelectronics LSM303DLHC Datasheet HTML 25Page - STMicroelectronics LSM303DLHC Datasheet HTML 26Page - STMicroelectronics LSM303DLHC Datasheet HTML 27Page - STMicroelectronics LSM303DLHC Datasheet HTML 28Page - STMicroelectronics LSM303DLHC Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
LSM303DLHC
Register description
Doc ID 018771 Rev 1
25/42
7.1.2
CTRL_REG2_A (21h)
7.1.3
CTRL_REG3_A (22h)
10
00Low-power mode (1.620 KHz)
1
0
0
1
Normal (1.344 kHz) / low-power mode (5.376 KHz)
Table 20.
Data rate configuration (continued)
ODR3
ODR2
ODR1
ODR0
Power mode selection
Table 21.
CTRL_REG2_A register
HPM1
HPM0
HPCF2
HPCF1
FDS
HPCLICK
HPIS2
HPIS1
Table 22.
CTRL_REG2_A description
HPM1 -HPM0
High pass filter mode selection. Default value: 00
(refer to
Table 23)
HPCF2 -
HPCF1
High pass filter cut-off frequency selection
FDS
Filtered data selection. Default value: 0
(0: internal filter bypassed, 1: data from internal filter sent to output register and
FIFO)
HPCLICK
High pass filter enabled for CLICK function.
(0: filter bypassed, 1: filter enabled)
HPIS2
High pass filter enabled for AOI function on Interrupt 2,
(0: filter bypassed, 1: filter enabled)
HPIS1
High pass filter enabled for AOI function on Interrupt 1,
(0: filter bypassed, 1: filter enabled)
Table 23.
High pass filter mode configuration
HPM1
HPM0
High pass filter mode
0
0
Normal mode (reset reading HP_RESET_FILTER)
0
1
Reference signal for filtering
1
0
Normal mode
1
1
Autoreset on interrupt event
Table 24.
CTRL_REG3_A register
I1_CLICK
I1_AOI1
I1_AOI2
I1_DRDY1
I1_DRDY2
I1_WTM
I1_OVERRUN
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com