Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5541LR Datasheet(PDF) 6 Page - Analog Devices

Part # AD5541LR
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541LR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5541LR Datasheet HTML 2Page - Analog Devices AD5541LR Datasheet HTML 3Page - Analog Devices AD5541LR Datasheet HTML 4Page - Analog Devices AD5541LR Datasheet HTML 5Page - Analog Devices AD5541LR Datasheet HTML 6Page - Analog Devices AD5541LR Datasheet HTML 7Page - Analog Devices AD5541LR Datasheet HTML 8Page - Analog Devices AD5541LR Datasheet HTML 9Page - Analog Devices AD5541LR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD5541/AD5542
Data Sheet
Rev. F | Page 6 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VOUT 1
AGND
2
REF
3
CS
4
VDD
8
DGND
7
DIN
6
SCLK
5
AD5541
TOP VIEW
(Not to Scale)
Figure 4. AD5541 Pin Configuration
Table 5. AD5541 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
V
OUT
Analog Output Voltage from the DAC.
2
AGND
Ground Reference Point for Analog Circuitry.
3
REF
Voltage Reference Input for the DAC. Connect to an external 2.5 V reference. Reference can range from 2 V to V
DD.
4
CS
Logic Input Signal. The chip select signal is used to frame the serial data input.
5
SCLK
Clock Input. Data is clocked into the input register on the rising edge of SCLK. Duty cycle must be between 40% and 60%.
6
DIN
Serial Data Input. This device accepts 16-bit words. Data is clocked into the input register on the rising edge of SCLK.
7
DGND
Digital Ground. Ground reference for digital circuitry.
8
V
DD
Analog Supply Voltage, 5 V ± 10%.
RFB
1
VOUT 2
AGNDF
3
AGNDS
4
VDD
14
INV
13
DGND
12
LDAC
11
REFS
5
DIN
10
REFF
6
NC
9
CS
7
SCLK
8
NC = NO CONNECT
AD5542
TOP VIEW
(Not to Scale)
Figure 5. AD5542 Pin Configuration
Table 6. AD5542 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFB
Feedback Resistor Pin. In bipolar mode, connect this pin to the external op amp output.
2
V
OUT
Analog Output Voltage from the DAC.
3
AGNDF
Ground Reference Point for Analog Circuitry (Force).
4
AGNDS
Ground Reference Point for Analog Circuitry (Sense).
5
REFS
Voltage Reference Input (Sense) for the DAC. Connect to an external 2.5 V reference. Reference can range from 2 V to V
DD.
6
REFF
Voltage Reference Input (Force) for the DAC. Connect to an external 2.5 V reference. Reference can range from 2 V to V
DD.
7
CS
Logic Input Signal. The chip select signal is used to frame the serial data input.
8
SCLK
Clock Input. Data is clocked into the input register on the rising edge of SCLK. Duty cycle must be between 40% and 60%.
9
NC
No Connect.
10
DIN
Serial Data Input. This device accepts 16-bit words. Data is clocked into the input register on the rising edge of SCLK.
11
LDAC
LDAC Input. When this input is taken low, the DAC register is simultaneously updated with the contents of the
input register.
12
DGND
Digital Ground. Ground reference for digital circuitry.
13
INV
Connected to the Internal Scaling Resistors of the DAC. Connect the INV pin to external op amps inverting input in
bipolar mode.
14
V
DD
Analog Supply Voltage, 5 V ± 10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com