Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5541LR Datasheet(PDF) 8 Page - Analog Devices

Part # AD5541LR
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541LR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5541LR Datasheet HTML 4Page - Analog Devices AD5541LR Datasheet HTML 5Page - Analog Devices AD5541LR Datasheet HTML 6Page - Analog Devices AD5541LR Datasheet HTML 7Page - Analog Devices AD5541LR Datasheet HTML 8Page - Analog Devices AD5541LR Datasheet HTML 9Page - Analog Devices AD5541LR Datasheet HTML 10Page - Analog Devices AD5541LR Datasheet HTML 11Page - Analog Devices AD5541LR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5541/AD5542
Data Sheet
Rev. F | Page 8 of 20
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–40
25
85
TEMPERATURE (°C)
VDD = 5V
VREF = 2.5V
TA = 25°C
Figure 12. Gain Error vs. Temperature
132
116
118
120
122
124
126
128
130
–40
25
85
TEMPERATURE (°C)
VDD = 5V
VREF = 2.5V
TA = 25°C
Figure 13. Supply Current vs. Temperature
200
0
20
40
60
80
100
120
140
160
180
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21
DIGITAL INPUT VOLTAGE (V)
Figure 14. Supply Current vs. Digital Input Voltage
0.15
–0.15
–0.10
–0.05
0
0.05
0.10
–40
25
85
TEMPERATURE (°C)
VDD = 5V
VREF = 2.5V
TA = 25°C
Figure 15. Zero-Code Error vs. Temperature
0
0.5
1.0
1.5
2.0
012
3456
VOLTAGE (V)
REFERENCE VOLTAGE
VDD = 5V
SUPPLY VOLTAGE
VREF = 2.5V
TA = 25°C
Figure 16. Supply Current vs. Reference Voltage or Supply Voltage
200
150
100
50
0
0
70,000
60,000
50,000
40,000
30,000
20,000
10,000
CODE (Decimal)
VDD = 5V
VREF = 2.5V
TA = 25°C
Figure 17. Reference Current vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com