Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5541LR Datasheet(PDF) 14 Page - Analog Devices

Part # AD5541LR
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541LR Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5541LR Datasheet HTML 10Page - Analog Devices AD5541LR Datasheet HTML 11Page - Analog Devices AD5541LR Datasheet HTML 12Page - Analog Devices AD5541LR Datasheet HTML 13Page - Analog Devices AD5541LR Datasheet HTML 14Page - Analog Devices AD5541LR Datasheet HTML 15Page - Analog Devices AD5541LR Datasheet HTML 16Page - Analog Devices AD5541LR Datasheet HTML 17Page - Analog Devices AD5541LR Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD5541/AD5542
Data Sheet
Rev. F | Page 14 of 20
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5541/AD5542 is via a
serial bus that uses standard protocol that is compatible with
DSP processors and microcontrollers. The communications
channel requires a 3- or 4-wire interface consisting of a clock
signal, a data signal and a synchronization signal. The
AD5541/AD5542 require a 16-bit data-word with data valid on
the rising edge of SCLK. The DAC update can be done
automatically when all the data is clocked in or it can be done
under control of the LDAC (AD5542 only).
AD5541/AD5542 TO ADSP-21XX INTERFACE
Figure 25 shows a serial interface between the AD5541/AD5542
and the ADSP-21xx. The ADSP-21xx should be set to operate in
the SPORT transmit alternate framing mode. The ADSP-21xx are
programmed through the SPORT control register and should be
configured as follows: internal clock operation, active low
framing, 16-bit word length. Transmission is initiated by
writing a word to the Tx register after the SPORT has been
enabled. As the data is clocked out on each rising edge of the
serial clock, an inverter is required between the DSP and the
DAC, because the AD5541/AD5542 clock data in on the falling
edge of the SCLK.
LDAC**
CS
DIN
SCLK
FO
TFS
DT
SCLK
AD5541/
AD5542*
ADSP-21xx
*ADDITIONAL PINS OMITTED FOR CLARITY.
**AD5542 ONLY.
Figure 25. AD5541/AD5542 to ADSP-21xx Interface
AD5541/AD5542 TO 68HC11/68L11 INTERFACE
Figure 26 shows a serial interface between the AD5541/AD5542
and the 68HC11/68L11 microcontroller. SCK of the 68HC11/
68L11 drives the SCLK of the DAC, and the MOSI output drives
the serial data line serial DIN. The CS signal is driven from one
of the port lines. The 68HC11/68L11 is configured for master
mode: MSTR = 1, CPOL = 0, and CPHA = 0. Data appearing
on the MOSI output is valid on the rising edge of SCK.
LDAC**
CS
DIN
SCLK
PC6
PC7
MOSI
SCK
AD5541/
AD5542*
68HC11/
68L11*
*ADDITIONAL PINS OMITTED FOR CLARITY.
**AD5542 ONLY.
Figure 26. AD5541/AD5542 to 68HC11/68L11 Interface
AD5541/AD5542 TO MICROWIRE INTERFACE
Figure 27 shows an interface between the AD5541/AD5542
and any MICROWIRE-compatible device. Serial data is shifted
out on the falling edge of the serial clock and into the AD5541/
AD5542 on the rising edge of the serial clock. No glue logic is
required because the DAC clocks data into the input shift
register on the rising edge.
DIN
SCLK
SO
SCLK
AD5541/
AD5542*
MICROWIRE*
*ADDITIONAL PINS OMITTED FOR CLARITY.
CS
CS
Figure 27. AD5541/AD5542 to MICROWIRE Interface
AD5541/AD5542 TO 80C51/80L51 INTERFACE
A serial interface between the AD5541/AD5542 and the 80C51/
80L51 microcontroller is shown in Figure 28. TxD of the micro-
controller drives the SCLK of the AD5541/AD5542, and RxD
drives the serial data line of the DAC. P3.3 is a bit programmable
pin on the serial port that is used to drive CS.
The 80C51/80L51 provide the LSB first, whereas the AD5541/
AD5542 expects the MSB of the 16-bit word first. Care should
be taken to ensure the transmit routine takes this into account.
When data is to be transmitted to the DAC, P3.3 is taken low.
Data on RxD is valid on the falling edge of TxD, so the clock
must be inverted as the DAC clocks data into the input shift
register on the rising edge of the serial clock. The 80C51/80L51
transmit data in 8-bit bytes with only eight falling clock edges
occurring in the transmit cycle. As the DAC requires a 16-bit
word, P3.3 must be left low after the first eight bits are transferred,
and brought high after the second byte is transferred. LDAC on
the AD5542 can also be controlled by the 80C51/ 80L51 serial
port output by using another bit programmable pin, P3.4.
LDAC**
CS
DIN
SCLK
P3.4
P3.3
RxD
TxD
AD5541/
AD5542*
80C51/
80L51*
*ADDITIONAL PINS OMITTED FOR CLARITY.
**AD5542 ONLY.
Figure 28. AD5541/AD5542 to 80C51/80L51 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com