Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7846APZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD7846APZ
Description  LC2MOS 16-Bit Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846APZ Datasheet(HTML) 4 Page - Analog Devices

  AD7846APZ Datasheet HTML 1Page - Analog Devices AD7846APZ Datasheet HTML 2Page - Analog Devices AD7846APZ Datasheet HTML 3Page - Analog Devices AD7846APZ Datasheet HTML 4Page - Analog Devices AD7846APZ Datasheet HTML 5Page - Analog Devices AD7846APZ Datasheet HTML 6Page - Analog Devices AD7846APZ Datasheet HTML 7Page - Analog Devices AD7846APZ Datasheet HTML 8Page - Analog Devices AD7846APZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD7846
Rev. G | Page 4 of 24
Parameter1
J, A Versions
K, B Versions
Unit
Test Conditions/Comments
DIGITAL OUTPUTS
VOL (Output Low Voltage)
0.4
0.4
V max
ISINK = 1.6 mA
VOH (Output High Voltage)
4.0
4.0
V min
ISOURCE = 400 μA
Floating State Leakage Current
±10
±10
μA max
DB0 to DB15 = 0 to VCC
Floating State Output Capacitance2
10
10
pF max
POWER REQUIREMENTS3
VDD
+11.4/+15.75
+11.4/+15.75
V min/V max
VSS
−11.4/−15.75
−11.4/−15.75
V min/V max
VCC
+4.75/+5.25
+4.75/+5.25
V min/V max
IDD
5
5
mA max
VOUT unloaded
ISS
5
5
mA max
VOUT unloaded
ICC
1
1
mA max
Power Supply Sensitivity4
1.5
1.5
LSB/V max
Power Dissipation
100
100
mW typ
VOUT unloaded
1 Temperature ranges as follows: J, K versions: 0°C to +70°C; A, B versions: −40°C to +85°C.
2 Guaranteed by design and characterization, not production tested.
3 The AD7846 is functional with power supplies of ±12 V. See the Typical Performance Characteristics section.
4 Sensitivity of gain error, offset error, and bipolar zero error to VDD, VSS variations.
AC PERFORMANCE CHARACTERISTICS
These characteristics are included for design guidance and are not subject to test. VREF+ = +5 V; VDD = +14.25 V to +15.75 V; VSS = −14.25 V
to −15.75 V; VCC = +4.75 V to +5.25 V; RIN connected to 0 V, unless otherwise noted.
Table 2.
Parameter
Limit at TMIN to TMAX (All Versions)
Unit
Test Conditions/Comments
Output Settling Time1
6
μs max
To 0.006% FSR, VOUT loaded, VREF− = 0 V, typically 3.5 μs
9
μs max
To 0.003% FSR, VOUT loaded, VREF− = –5 V, typically 6.5 μs
Slew Rate
7
V/μs typ
Digital-to-Analog Glitch
Impulse
70
nV-sec typ
DAC alternately loaded with 10…0000 and 01…1111,
VOUT unloaded
AC Feedthrough
0.5
mV p-p typ
VREF− = 0 V, VREF+ = 1 V rms, 10 kHz sine wave, DAC loaded
with all 0s
Digital Feedthrough
10
nV-sec typ
DAC alternately loaded with all 1s and all 0s. CS high
Output Noise Voltage
Density, 1 kHz to 100 kHz
50
nV/√Hz typ
Measured at VOUT, DAC loaded with 0111011…11,
VREF+ = VREF− = 0 V
1
LDAC = 0. Settling time does not include deglitching time of 2.5 μs (typ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com