Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9776-EB Datasheet(PDF) 44 Page - Analog Devices

Part # AD9776-EB
Description  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9776-EB Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9776-EB Datasheet HTML 40Page - Analog Devices AD9776-EB Datasheet HTML 41Page - Analog Devices AD9776-EB Datasheet HTML 42Page - Analog Devices AD9776-EB Datasheet HTML 43Page - Analog Devices AD9776-EB Datasheet HTML 44Page - Analog Devices AD9776-EB Datasheet HTML 45Page - Analog Devices AD9776-EB Datasheet HTML 46Page - Analog Devices AD9776-EB Datasheet HTML 47Page - Analog Devices AD9776-EB Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
AD9776/AD9778/AD9779
Rev. A | Page 44 of 56
Using Data Delay to Meet Timing Requirements
To meet strict timing requirements at input data rates of up to
250 MSPS, the AD977x has a fine timing feature. Fine timing
adjustments are made by programming values into the data
clock delay register (Register 0x04, Bits<7:4>). This register can
be used to add delay between the REFCLK in and the
DATACLK out. Figure 97 shows the default delay present when
DATACLK delay is disabled. The disable function bit is found
in Register 0x02, Bit 4. Figure 98 shows the delay present when
DATACLK delay is enabled and set to 0000. Figure 99 indicates
the delay when DATACLK delay is enabled and set to 1111.
Note that the setup and hold times specified for data to
DATACLK are defined for DATACLK delay disabled.
CH1 1.00V
Ω
TEK RUN: 5.00GS/s
SAMPLE
CH2 500mV
Ω
M2.00ns
CH1
420mV
Δ: 4.48nS
@: 40.28nS
2
1
Figure 97. Delay from REFCLK to DATACLK with DATACLK Delay Disabled
CH1 1.00V
Ω
TEK RUN: 5.00GS/s
SAMPLE
CH2 500mV
Ω
M2.00ns
CH1
420mV
Δ: 4.76nS
@: 35.52nS
2
1
Figure 98. Delay from REFCLK to DATACLK Out with DATACLK Delay = 0000
CH1 1.00V
Ω
TEK RUN: 5.00GS/s
SAMPLE
CH2 500mV
Ω
M2.00ns
CH1
420mV
Δ: 7.84nS
@: 32.44nS
2
1
Figure 99. Delay from REFCLK to DATACLK Out with DATACLK Delay = 1111
The difference between the minimum delay shown in Figure 98
and the maximum delay shown in Figure 99 is the range
programmable using the DATACLK delay register. The delay
(in absolute time) when programming DATACLK delay
between 0000 and 1111 is a linear extrapolation between these
two figures. The typical delays per increment over temperature
are shown in Table 20.
Table 20. Data Delay Line Typical Delays Over Temperature
Delays
−40°C
+25°C
+85°C
Unit
Delay Between Disabled and
Enabled
370
416
432
ps
Average Delay per Increment
171
183
197
ps
The frequency of DATACLK out depends on several program-
mable settings: interpolation, zero stuffing, and interleaved/
dual port mode, all of which have an effect on the REFCLK
frequency. The divisor function between REFCLK and
DATACLK is equal to the values shown in Table 21.
Table 21. REFCLK to DATACLK Divisor Ratio
Interpolation
Zero Stuffing
Input Mode
Divisor
1
Disabled
Dual port
1
2
Disabled
Dual port
2
4
Disabled
Dual port
4
8
Disabled
Dual port
8
1
Disabled
Interleaved
Invalid
2
Disabled
Interleaved
1
4
Disabled
Interleaved
2
8
Disabled
Interleaved
4
1
Enabled
Dual port
2
2
Enabled
Dual port
4
4
Enabled
Dual port
8
8
Enabled
Dual port
16
1
Enabled
Interleaved
1
2
Enabled
Interleaved
2
4
Enabled
Interleaved
4
8
Enabled
Interleaved
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com