Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9776-EB Datasheet(PDF) 6 Page - Analog Devices

Part # AD9776-EB
Description  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9776-EB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9776-EB Datasheet HTML 2Page - Analog Devices AD9776-EB Datasheet HTML 3Page - Analog Devices AD9776-EB Datasheet HTML 4Page - Analog Devices AD9776-EB Datasheet HTML 5Page - Analog Devices AD9776-EB Datasheet HTML 6Page - Analog Devices AD9776-EB Datasheet HTML 7Page - Analog Devices AD9776-EB Datasheet HTML 8Page - Analog Devices AD9776-EB Datasheet HTML 9Page - Analog Devices AD9776-EB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
AD9776/AD9778/AD9779
Rev. A | Page 6 of 56
DIGITAL SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V,
= 20 mA, maximum sample rate, unless
otherwise noted. LVDS driver and receiver are compliant to the IEEE-1596 reduced range link, unless otherwise noted.
S
OUTF
I
Table 2. AD9776, AD9778, and AD9779 Digital Specifications
Parameter
Conditions
Min
Typ
Max
Unit
CMOS INPUT LOGIC LEVEL
Input VIN Logic High
2.0
V
Input VIN Logic Low
0.8
V
Maximum Input Data Rate at Interpolation
1×
300
MSPS
2×
250
MSPS
4×
200
MSPS
8×
125
MSPS
CMOS OUTPUT LOGIC LEVEL (DATACLK, PIN 37)1
Output VOUT Logic High
2.4
V
Output VOUT Logic Low
0.4
V
LVDS RECEIVER INPUTS (SYNC_I+, SYNC_I−)
SYNC_I+ = VIA, SYNC_I− = VIB
Input Voltage Range, VIA or VIB
825
1575
mV
Input Differential Threshold, VIDTH
−100
+100
mV
Input Differential Hysteresis, VIDTHH − VIDTHL
20
mV
Receiver Differential Input Impedance, RIN2
80
120
Ω
LVDS Input Rate
125
MSPS
Set-Up Time, SYNC_I to DAC Clock
−0.2
ns
Hold Time, SYNC_I to DAC Clock
1
ns
LVDS DRIVER OUTPUTS (SYNC_O+, SYNC_O−)
SYNC_O+ = VOA, SYNC_O− = VOB, 100 Ω termination
Output Voltage High, VOA or VOB
825
1575
mV
Output Voltage Low, VOA or VOB
1025
mV
Output Differential Voltage, |VOD|
150
200
250
mV
Output Offset Voltage, VOS
1150
1250
mV
Output Impedance, RO
Single-ended
80
100
120
Ω
Maximum Clock Rate
1
GHz
DAC CLOCK INPUT (CLK+, CLK−)
Differential Peak-to-Peak Voltage (CLK+, CLK−)3
400
800
2000
mV
Common-Mode Voltage
300
400
500
mV
Maximum Clock Rate4
1
GSPS
SERIAL PERIPHERAL INTERFACE
Maximum Clock Rate (SCLK)
40
MHz
Minimum Pulse Width High
12.5
ns
Minimum Pulse Width Low
12.5
ns
1 Specification is at a DATACLK frequency of 100 MHz into a 1 kΩ load; maximum drive capability of 8 mA. At higher speeds or greater loads, best practice suggests
using an external buffer for this signal.
2 Guaranteed at 25°C. Can drift above 120 Ω at temperatures above 25°C.
3 When using the PLL, a differential swing of 2 V p-p is recommended.
4 Typical maximum clock rate when DVDD18 = CVDD18 = 1.9 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com