Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9979BCPZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9979BCPZ
Description  14-Bit, CCD Signal Processor with Precision Timing Core
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9979BCPZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9979BCPZ Datasheet HTML 31Page - Analog Devices AD9979BCPZ Datasheet HTML 32Page - Analog Devices AD9979BCPZ Datasheet HTML 33Page - Analog Devices AD9979BCPZ Datasheet HTML 34Page - Analog Devices AD9979BCPZ Datasheet HTML 35Page - Analog Devices AD9979BCPZ Datasheet HTML 36Page - Analog Devices AD9979BCPZ Datasheet HTML 37Page - Analog Devices AD9979BCPZ Datasheet HTML 38Page - Analog Devices AD9979BCPZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
AD9979
Rev. C | Page 35 of 56
APPLICATIONS INFORMATION
RECOMMENDED POWER-UP SEQUENCE
When the AD9979 is powered up, the following sequence is
recommended (refer to Figure 52 for each step).
1.
Turn on the power supplies for the AD9979 and apply CLI
clock. There is no required order for bringing up each supply.
2.
Although the AD9979 contains an on-chip, power-on reset,
a software reset of the internal registers is recommended.
Write 1 to SW_RST (Address 0x10, Bit [0], which resets all
the internal registers to their default values. This bit is self-
clearing and automatically resets back to 0.
3.
Write to the desired registers to configure high speed
timing and horizontal timing. Note that all TESTMODE
registers must be written as described in the register maps.
4.
To place the part into normal power operation, write 0 to
STANDBY (Address 0x00, Bits[1:0])and REFBUF_PWRDN
(Address 0x00, Bit 2).
5.
The Precision Timing core must be reset by writing 1 to
TGCORE_RST (Address 0x14, Bit 0). This starts the
internal timing core operation.
6.
Write 1 to OUT_CONTROL (Address 0x11, Bit 0).
The next VD/HD falling edge allows register updates to occur,
including OUT_CONTROL (Address 0x11, Bit [0]), which
enables all clock outputs.
POWER
SUPPLIES
CLI
(INPUT)
SERIAL
WRITES
VD
(INPUT)
HD
(INPUT)
HIGH-Z BY
DEFAULT
CLOCKS ACTIVE WHEN OUT_CONTROL
REGISTER IS UPDATED AT VD/HD EDGE
1H
1ST FIELD
1V
0V
AD9979 SUPPLIES
HORIZONTAL
CLOCKS
H1, H3, RG
H2, H4
4
23
5
6
1
Figure 52. Recommended Power-Up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com