Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9979BCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9979BCPZ
Description  14-Bit, CCD Signal Processor with Precision Timing Core
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9979BCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9979BCPZ Datasheet HTML 12Page - Analog Devices AD9979BCPZ Datasheet HTML 13Page - Analog Devices AD9979BCPZ Datasheet HTML 14Page - Analog Devices AD9979BCPZ Datasheet HTML 15Page - Analog Devices AD9979BCPZ Datasheet HTML 16Page - Analog Devices AD9979BCPZ Datasheet HTML 17Page - Analog Devices AD9979BCPZ Datasheet HTML 18Page - Analog Devices AD9979BCPZ Datasheet HTML 19Page - Analog Devices AD9979BCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
AD9979
Rev. C | Page 16 of 56
HORIZONTAL CLAMPING AND BLANKING
The horizontal clamping and blanking pulses of the AD9979 are
fully programmable to suit a variety of applications. Individual
control is provided for CLPOB, PBLK, and HBLK during the
different regions of each field. This allows the dark-pixel clamping
and blanking patterns to be changed at each stage of the readout
to accommodate the different image transfer timing and high
speed line shifts.
Individual CLPOB and PBLK Patterns
The AFE horizontal timing consists of CLPOB and PBLK,
as shown in Figure 21. These two signals are independently
programmed using the registers in Table 10. The start polarity
for the CLPOB (PBLK) signal is CLPOB_POL (PBLK_POL),
and the first and second toggle positions of the pulse are
CLPOBx_TOG1 (PBLKx_TOG1) and CLPOBx_TOG2
(PBLKx_TOG2), respectively. Both signals are active low
and need to be programmed accordingly.
Two separate patterns for CLPOB and PBLK can be programmed
for each H-pattern, CLPOB0, CLPOB1, PBLK0, and PBLK1.
The CLPOB_PAT and PBLK_PAT field registers select which
of the two patterns are used in each field.
Figure 32 shows how the sequence change positions divide the
readout field into different regions. By assigning a different
H-pattern to each region, the CLPOB and PBLK signals can
change with each change in the vertical timing.
CLPOB and PBLK Masking Area
Additionally, the AD9979 allows the CLPOB and PBLK signals
to be disabled during certain lines in the field, without changing
any of the existing pattern settings. There are three sets of start
and end registers for both CLPOB and PBLK that allows the
creation of up to three masking areas for each signal.
For example, to use the CLPOB masking, program the
CLPOBMASKSTARTx and CLPOBMASKENDx registers to
specify the starting and ending lines in the field where the
CLPOB patterns are to be ignored. Figure 22 illustrates this
feature.
The masking registers are not specific to a certain H-pattern;
they are always active for any existing field of timing. To disable
the CLPOB and PBLK masking feature, set these registers to the
maximum value of 0x1FFF.
Note that to disable CLPOB and PBLK masking during
power-up, it is recommended to set CLPOBMASKSTARTx
(PBLKMASKSTARTx) to 8191 and CLPOBMASKENDx
(PBLKMASKENDx) to 0. This prevents any accidental masking
caused by different register update events.
3
2
1
HD
CLPOB
PBLK
PROGRAMMABLE SETTINGS:
1START POLARITY (CLAMP AND BLANK REGION ARE ACTIVE LOW).
2FIRST TOGGLE POSITION.
3SECOND TOGGLE POSITION.
ACTIVE
ACTIVE
Figure 21. Clamp and Preblank Pulse Placement
NO CLPOB SIGNAL
FOR LINE 600
VD
HD
NO CLPOB SIGNAL
FOR LINES 6 TO 8
CLPOBMASKSTART1 = 6
CLPOBMASKEND1 = 8
0
1
2
597
598
CLPOBMASKSTART2 = CLPOBMASKEND2 = 600
CLPOB
Figure 22. CLPOB Masking Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com